Electronic Components Datasheet Search
  English  ▼

X  

HMC427ALP3E Datasheet(PDF) 3 Page - Analog Devices

Part # HMC427ALP3E
Description  Test Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC427ALP3E Datasheet(HTML) 3 Page - Analog Devices

  HMC427ALP3E Datasheet HTML 1Page - Analog Devices HMC427ALP3E Datasheet HTML 2Page - Analog Devices HMC427ALP3E Datasheet HTML 3Page - Analog Devices HMC427ALP3E Datasheet HTML 4Page - Analog Devices HMC427ALP3E Datasheet HTML 5Page - Analog Devices HMC427ALP3E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
3
HMC427ALP3E
v02.1016
GaAs MMIC POSITIVE CONTROL
TRANSFER SWITCH, DC* - 8GHz
Truth Table
Control Voltages
Bias Voltage & Current
VDD Range = +5 VDC ± 10 %
VDD
(VDC)
IDD (Typ.)
(µA)
IDD (Max.)
(µA)
+5
5
10
State
Bias Condition
Low
0 to +0.2 VDC at < 1 µA Typical
High
Vdd ± 0.2 VDC at < 1 µA Typical
Control Input
Signal Path State
A
B
RF4 to
RF2
RF1 to
RF3
RF4 to
RF1
RF2 to
RF3
Low
High
On
On
Off
Off
High
Low
Off
Off
On
On
Absolute Maximum Ratings
Bias Voltage Range (VDD)
+7.0 VDC
Control Voltage Range (CTRLA &
CTRLB)
-0.5V to VDD +1.0 VDC
Channel Temperature
150 °C
Thermal Resistance
130 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Maximum Input Power
+25.5 dBm (DC - 2 GHz)
+27 dBm (2 GHz - 8 GHz)
ESD Sensitivity (HBM)
Class 1A
ESD Sensitivity (FICDM)
Class IV
Note:
DC blocking capacitors are required at ports RF1, 2, 3, &
4. Their value will determine the lowest transmission fre-
quency.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com