Electronic Components Datasheet Search
  English  ▼

X  

HMC447LC3 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC447LC3
Description  RoHS Compliant 3x3 mm SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC447LC3 Datasheet(HTML) 6 Page - Analog Devices

  HMC447LC3 Datasheet HTML 1Page - Analog Devices HMC447LC3 Datasheet HTML 2Page - Analog Devices HMC447LC3 Datasheet HTML 3Page - Analog Devices HMC447LC3 Datasheet HTML 4Page - Analog Devices HMC447LC3 Datasheet HTML 5Page - Analog Devices HMC447LC3 Datasheet HTML 6Page - Analog Devices HMC447LC3 Datasheet HTML 7Page - Analog Devices HMC447LC3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC447LC3
v04.0514
SMT GaAs HBT MMIC
DIVIDE-BY-4, 10 - 26 GHz
Evaluation PCB
List of Materials for Evaluation PCB 107928 [1]
The circuit board used in the final application sho-
uld use RF circuit design techniques. Signal lines
should have 50 Ohm impedance while the package
ground leads and backside ground paddle should
be connected directly to the ground plane similar
to that shown. A sufficient number of via holes
should be used to connect the top and bottom
ground planes. The evaluation circuit board shown
is available from Hittite upon request.
Item
Description
J1
PCB Mount SRI K-Connector
J2
PCB Mount SMA RF Connector
J3, J4
DC Pin
C1
10pF Capacitor, 0402 Pkg.
C2, C3
100 pF Capacitor, 0402 Pkg.
C4
10000 pF Capacitor, 0603 Pkg.
C5
2.2 uF Tantalum Capacitor
U1
HMC447LC3 Divide-by-4
PCB [2]
107926 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com