Electronic Components Datasheet Search
  English  ▼

X  

HMC448LC3B Datasheet(PDF) 2 Page - Analog Devices

Part # HMC448LC3B
Description  Test Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC448LC3B Datasheet(HTML) 2 Page - Analog Devices

  HMC448LC3B Datasheet HTML 1Page - Analog Devices HMC448LC3B Datasheet HTML 2Page - Analog Devices HMC448LC3B Datasheet HTML 3Page - Analog Devices HMC448LC3B Datasheet HTML 4Page - Analog Devices HMC448LC3B Datasheet HTML 5Page - Analog Devices HMC448LC3B Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC448LC3B
v03.0514
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 20 - 25 GHz OUTPUT
Output Power vs.
Temperature @ 0 dBm Drive Level
Output Power vs.
Supply Voltage @ 0 dBm Drive Level
Output Power vs. Drive Level
Pin vs. Pout @ 3 Frequencies
Isolation @ 0 dBm Drive Level
0
3
6
9
12
15
18
19
20
21
22
23
24
25
26
+25C
+85C
-40C
OUTPUT FREQUENCY (GHz)
-6
-2
2
6
10
14
-6
-4
-2
0
2
4
6
8
Fout= 20 GHz
Fout= 22 Ghz
Fout= 25 GHz
INPUT POWER (dBm)
-25
-20
-15
-10
-5
0
5
10
15
18
19
20
21
22
23
24
25
26
Fo
2Fo
3Fo
OUTPUT FREQUENCY (GHz)
0
3
6
9
12
15
18
19
20
21
22
23
24
25
26
Vdd=4.5V
Vdd=5.0V
Vdd=5.5V
OUTPUT FREQUENCY (GHz)
-8
-4
0
4
8
12
16
18
20
22
24
26
OUTPUT FREQUENCY (GHz)
+6 dBm
+4 dBm
+2 dBm
-2 dBm
-4 dBm
-6 dBm
0 dBm
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com