Electronic Components Datasheet Search
  English  ▼

X  

HMC557ALC4 Datasheet(PDF) 16 Page - Analog Devices

Part # HMC557ALC4
Description  24-terminal ceramic leadless chip carrier package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC557ALC4 Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC557ALC4 Datasheet HTML 12Page - Analog Devices HMC557ALC4 Datasheet HTML 13Page - Analog Devices HMC557ALC4 Datasheet HTML 14Page - Analog Devices HMC557ALC4 Datasheet HTML 15Page - Analog Devices HMC557ALC4 Datasheet HTML 16Page - Analog Devices HMC557ALC4 Datasheet HTML 17Page - Analog Devices HMC557ALC4 Datasheet HTML 18Page - Analog Devices HMC557ALC4 Datasheet HTML 19Page - Analog Devices HMC557ALC4 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
HMC557A
Data Sheet
Rev. C | Page 16 of 23
UPCONVERTER PERFORMANCE WITH UPPER SIDEBAND SELECTED, IF = 1000 MHz
0
–20
–4
–16
–8
–12
2
8
5
9
7
3
6
4
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 58. Conversion Gain vs. RF Frequency at Various Temperatures,
LO Drive = 15 dBm
30
0
25
10
5
20
15
2
8
5
9
7
3
6
4
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 59. Input IP3 vs. RF Frequency at Various Temperatures,
LO Drive = 15 dBm
12
0
10
4
2
8
6
2
8
5
9
7
3
6
4
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 60. Input P1dB vs. RF Frequency at Various Temperatures,
LO Drive = 15 dBm
0
–20
–4
–16
–8
–12
2
8
5
9
7
3
6
4
RF FREQUENCY (GHz)
LO = 9dBm
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
Figure 61. Conversion Gain vs. RF Frequency at Various LO Drives
30
0
25
10
5
20
15
2
8
5
9
7
3
6
4
RF FREQUENCY (GHz)
LO = 9dBm
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
Figure 62. Input IP3 vs. RF Frequency at Various LO Drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com