Electronic Components Datasheet Search
  English  ▼

X  

HMC561 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC561
Description  Test Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC561 Datasheet(HTML) 2 Page - Analog Devices

  HMC561 Datasheet HTML 1Page - Analog Devices HMC561 Datasheet HTML 2Page - Analog Devices HMC561 Datasheet HTML 3Page - Analog Devices HMC561 Datasheet HTML 4Page - Analog Devices HMC561 Datasheet HTML 5Page - Analog Devices HMC561 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery and to place orders: Analog Devices, Inc., 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC561
v04.0714
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 8 - 21 GHz OUTPUT
Output Power vs.
Temperature @ 5 dBm Drive Level
Output Power vs.
Supply Voltage @ 5 dBm Drive Level
Output Power vs. Drive Level
Output Power vs. Input Power
Isolation @ 5 dBm Drive Level
SSB Phase Noise Performance,
Fout = 16 GHz, Input Power = +3 dBm
2
4
6
8
10
12
14
16
18
20
22
7
9
11
13
15
17
19
21
23
+25C
+85C
-55C
FREQUENCY (GHz)
2
4
6
8
10
12
14
16
18
20
22
7
9
11
13
15
17
19
21
23
-2 dBm
0 dBm
4 dBm
2 dBm
6 dBm
FREQUENCY (GHz)
2
4
6
8
10
12
14
16
18
20
22
7
9
11
13
15
17
19
21
23
4.5V
5.0V
5.5V
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
7
9
11
13
15
17
19
21
23
F0
2F0
3F0
4F0
FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
20
25
-5
-2
1
4
7
10
8GHz
14GHz
20GHz
INPUT POWER (dBm)
-180
-150
-120
-90
-60
-30
0
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com