Electronic Components Datasheet Search
  English  ▼

X  

72231 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 72231
Description  Dual P-Channel 12-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

72231 Datasheet(HTML) 2 Page - Vishay Siliconix

  72231 Datasheet HTML 1Page - Vishay Siliconix 72231 Datasheet HTML 2Page - Vishay Siliconix 72231 Datasheet HTML 3Page - Vishay Siliconix 72231 Datasheet HTML 4Page - Vishay Siliconix 72231 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si6911DQ
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72231
S-31064—Rev. A, 26-May-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -300 mA
- 0.4
- 0.9
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = -9.6 V, VGS = 0 V
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = -9.6 V, VGS = 0 V, TJ = 70_C
-25
mA
On-State Drain Currenta
ID(on)
VDS = -5 V, VGS = -4.5 V
-20
A
VGS = -4.5 V, ID = -5.1 A
0.021
0.026
W
Drain-Source On-State Resistancea
rDS(on)
VGS = -2.5 V, ID = -4.5 A
0.028
0.035
W
DS(on)
VGS = -1.8 V, ID = -3.9 A
0.037
0.046
W
Forward Transconductancea
gfs
VDS = -5 V, ID = -5.1 A
20
S
Diode Forward Voltagea
VSD
IS = -1.0 A, VGS = 0 V
- 0.65
- 1.1
V
Dynamicb
Total Gate Charge
Qg
16
24
Gate-Source Charge
Qgs
VDS = -6 V, VGS = -4.5 V, ID = -5.1 A
1.9
nC
Gate-Drain Charge
Qgd
3.9
Turn-On Delay Time
td(on)
35
55
Rise Time
tr
VDD = -6 V, RL = 6 W
62
100
Turn-Off Delay Time
td(off)
VDD = -6 V, RL = 6 W
ID ^ -1 A, VGEN = -4.5 V, RG = 6 W
120
180
ns
Fall Time
tf
70
110
Source-Drain Reverse Recovery Time
trr
IF = -1.0 A, di/dt = 100 A/ms
65
100
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
0
6
12
18
24
30
012345
VGS = 5 thru 2.5 V
TC = -55_C
125
_C
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
2 V
1.5 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com