Electronic Components Datasheet Search
  English  ▼

X  

8200 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8200
Description  MSD Blaster Coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8200 Datasheet(HTML) 1 Page - Mallory performance club

  8200 Datasheet HTML 1Page - Mallory performance club 8200 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSD Blaster Coil
PN 8200 and PN 8203
Parts Included:
1 - Blaster Coil
2 - 45° Faston Tabs
1 - 0.8 Ohm Resistor
1 - Blaster Boot/Terminal
2 - Female Fastons
1 - 18” Gray Wire
WARNING: During installation, disconnect the battery cables. When disconnecting the
battery, always remove the Negative cable first and install it last.
Note: This Blaster Coil is supplied with a ballast resistor. If your application uses a points
distributor, the ballast must be used. Late model electronic ignitions or an MSD
Ignition do not require the ballast.
REMOVAL
1. Label the location of the coil wires (+ and -) and remove the wires from the coil.
2. Remove the high voltage wire from the coil and remove the coil from its mount.
3. Position the Blaster Coil in the mount and tighten.
INSTALLATION
Note: The Blaster Coil will mount in most factory canister coil mounts. MSD also offers a
Chrome Bracket, PN 8213. It is recommended to mount the coil in an upright position.
STOCK POINTS IGNITION
If you are installing the Blaster Coil with the stock points ignition (Figure 1), MSD Blaster
Ignition or an MSD 5 Ignition Control (Figure 2), the supplied 0.8 ohm ballast resistor must
be installed on the coil positive (+) wire.
1. Install the original negative (-) coil wire (Figure 1).
2. Install the supplied connector on the coil positive (+) wire and install it to ballast resistor.
The Ballast Resistor should be mounted to a solid mount such as the firewall.
3. Connect the supplied Gray wire from the Ballast to the Coil positive (+) terminal.
4. Install the high voltage wire. If necessary, use the supplied Power Tower (Figure 4).
Figure 1 Wiring to the Stock Ignition.
INSTALLING NEW TERMINALS
Two plug wire terminals are supplied with this kit. To install the terminals it is recommended to
use a Plug Wire Tool, such as the MSD Pro-Crimp Tool, PN 35051, however you can produce
a solid crimp with a pair of pliers when used with care.
Straight Terminals: Fold the conductor back along the wire insulation. Slide the wire into the
terminal with the conductor positioned so it is in contact with the bottom of the terminal (Figure
6). Push the wire through until the sleeve protrudes about 1/8” beyond the crimp tabs.
Figure 6 Positioning the Wire in the Terminal.
MSD • WWW.MSDPERFORMANCE.COM • (915) 857-5200 • FAX (915) 857-3344
MSD • WWW.MSDPERFORMANCE.COM • (915) 857-5200 • FAX (915) 857-3344
© 2012 Autotronic Controls Corporation
FRM30162
Revised 12/11
Printed in U.S.A.
Service
In case of malfunction, this MSD component will be repaired free of charge according to the terms of the warranty.
When returning MSD components for warranty service,
Proof of Purchase must be supplied for verification. After
the warranty period has expired, repair service is based on a minimum and maximum fee.
All returns must have a Return Material Authorization (RMA) number issued to them before
being returned. To obtain an RMA number please contact MSD Customer Service at 1 (888) MSD-7859 or
visit our website at www.msdignition.com/rma to automatically obtain a number and shipping information.
When returning the unit for repair, leave all wires at the length in which you have them installed. Be sure to
include a detailed account of any problems experienced, and what components and accessories are installed
on the vehicle. The repaired unit will be returned as soon as possible using Ground shipping methods (ground
shipping is covered by warranty). For more information, call MSD Ignition at (915) 855-7123. MSD technicians are
available from 7:00 a.m. to 6:00 p.m. Monday - Friday (mountain time).
Limited Warranty
MSD warrants this product to be free from defects in material and workmanship under its intended normal
use*, when properly installed and purchased from an authorized MSD dealer, for a period of one year from
the date of the original purchase. This warranty is void for any products purchased through auction websites.
If found to be defective as mentioned above, it will be repaired or replaced at the option of MSD. Any item that
is covered under this warranty will be returned free of charge using Ground shipping methods.
This shall constitute the sole remedy of the purchaser and the sole liability of MSD. To the extent permitted
by law, the foregoing is exclusive and in lieu of all other warranties or representation whether expressed or
implied, including any implied warranty of merchantability or fitness. In no event shall MSD or its suppliers be
liable for special or consequential damages.
*Intended normal use means that this item is being used as was originally intended and for the original application
as sold by MSD. Any modifications to this item or if it is used on an application other than what MSD markets the
product, the warranty will be void. It is the sole responsibility of the customer to determine that this item will work
for the application they are intending. MSD will accept no liability for custom applications.
ONLINE PRODUCT REGISTRATION: Register your MSD product online and you’ll be
entered in our monthly 8.5mm Super Conductor Spark Plug Wire give-away! Registering
your product will help if there is ever a warranty issue with your product and helps the MSD
R&D team create new products that you ask for! Go to www.msdignition.com/registration.


Similar Part No. - 8200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8200 ETC1-8200 Datasheet
48Kb / 1P
4700
logo
Filtran LTD
8200 FILTRAN-8200 Datasheet
144Kb / 1P
T3/DS3/E3/STS-1 Input/Output Transformers
logo
3M Electronics
8200 3M-8200 Datasheet
800Kb / 4P
3M D Sub Plug Plug Connector
15-Feb-2010
logo
Christian Bürkert GmbH ...
8200 BURKERT-8200 Datasheet
1Mb / 18P
pH measuring system for hygienic applica-tions
06.12.2021
8200 BURKERT-8200 Datasheet
1Mb / 15P
pH- and ORP-probes
08.09.2023
More results

Similar Description - 8200

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8200 MALLORY-PN8200 Datasheet
301Kb / 2P
MSD Blaster Coil
PN8202 MALLORY-PN8202 Datasheet
151Kb / 2P
MSD Blaster Coil
8202 MALLORY-8202 Datasheet
150Kb / 2P
MSD Blaster Coil
8203 MALLORY-8203 Datasheet
301Kb / 2P
MSD Blaster Coil
8222 MALLORY-8222 Datasheet
150Kb / 2P
MSD Blaster Coil
8223 MALLORY-8223 Datasheet
150Kb / 2P
MSD Blaster Coil
8227 MALLORY-8227 Datasheet
538Kb / 2P
MSD Blaster TFI Coil
8252 MALLORY-8252 Datasheet
128Kb / 2P
MSD Blaster HVC Coil
82868 MALLORY-82868 Datasheet
1,016Kb / 2P
MSD Blaster LS Coil
PN82023 MALLORY-PN82023 Datasheet
150Kb / 2P
MSD Blaster Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com