Electronic Components Datasheet Search
  English  ▼

X  

8207 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8207
Description  MSD Blaster SS Coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8207 Datasheet(HTML) 1 Page - Mallory performance club

  8207 Datasheet HTML 1Page - Mallory performance club 8207 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IMPORTANT: Read instructions before attempting the installation.
Parts Included:
1 - Blaster SS Coil, PN 8207
3 - Vibration Mounts and Hardware
2 - Male Faston Connectors
WARNING: During installation, disconnect the battery cables. When disconnecting the battery,
always remove the Negative cable first and install it last.
Note: If installing the Blaster SS Coil to a points distributor or a non-current limiting ignition system without
an MSD Ignition, a 0.8 ohm ballast resistor is required (MSD PN 8214). The resistor should wire in
series along with any factory resistors on the
positive coil wire.
1. Find a suitable mounting location for the coil.
It can be mounted in any position as long as it
is away from direct engine heat sources.
2. Use the coil as a template and mark the
mounting holes using a punch.
3. Using a 3/16” drill bit, drill the three holes to
mount the coil.
4. Install the vibration mounts and mount the coil.
5. Install the Faston connectors to the coil
terminals. Connect the coil wires from the MSD
or stock ignition and the secondary coil wire.
MSD 6 or 7 Series Ignition Control
The Orange wire connects to the coil positive
terminal and the Black connects to the coil negative
terminal. These are the only two wires that connect
to the coil terminals.
MSD 5 or Blaster Ignition
The Red wire connects to coil positive and the
Orange connects to coil negative.
1 - 90° MSD Spark Plug Boot
1 - 90° Dual Crimp Terminal
WARNING: The Blaster SS and MSD Ignition Controls produce very high voltages. Never short the battery
or coil terminals. Use caution during installation and while working near the ignition or coil.
Figure 1 Mounting Template.
MSD Blaster SS Coil
PN 8207
ONLINE PRODUCT REGISTRATION: Register your MSD product online and you’ll be entered
in our monthly 8.5mm Super Conductor Spark Plug Wire give-away! Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4


Similar Part No. - 8207

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8207 FILTRAN-8207 Datasheet
182Kb / 1P
T3/DS3/E3/STS-1 Input/Output Transformers
logo
FIBOX Enclosing innovat...
8207050 FIBOX-8207050 Datasheet
48Kb / 1P
Mounting plate, for enclosures
26.07.2023
logo
Festo Corporation.
8207225 FESTO-8207225 Datasheet
76Kb / 2P
Controller
logo
Carl Kammerling Interna...
8207509000 CARL-8207509000 Datasheet
96Kb / 1P
Quick Release Extension Bar 3 Pack
17th Jul 2023
8207509000 CARL-8207509000 Datasheet
125Kb / 1P
Fast4Access Wood Drill Bit 16mm x 80mm
31 Jan 2023 01:50PM
More results

Similar Description - 8207

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8200 MALLORY-PN8200 Datasheet
301Kb / 2P
MSD Blaster Coil
PN8202 MALLORY-PN8202 Datasheet
151Kb / 2P
MSD Blaster Coil
8200 MALLORY-8200 Datasheet
301Kb / 2P
MSD Blaster Coil
8202 MALLORY-8202 Datasheet
150Kb / 2P
MSD Blaster Coil
8203 MALLORY-8203 Datasheet
301Kb / 2P
MSD Blaster Coil
8222 MALLORY-8222 Datasheet
150Kb / 2P
MSD Blaster Coil
8223 MALLORY-8223 Datasheet
150Kb / 2P
MSD Blaster Coil
8252 MALLORY-8252 Datasheet
128Kb / 2P
MSD Blaster HVC Coil
PN8207 MALLORY-PN8207 Datasheet
191Kb / 2P
MSD Blaster SS Coil
PN82023 MALLORY-PN82023 Datasheet
150Kb / 2P
MSD Blaster Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com