Electronic Components Datasheet Search
  English  ▼

X  

HMC579 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC579
Description  Test Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC579 Datasheet(HTML) 1 Page - Analog Devices

  HMC579 Datasheet HTML 1Page - Analog Devices HMC579 Datasheet HTML 2Page - Analog Devices HMC579 Datasheet HTML 3Page - Analog Devices HMC579 Datasheet HTML 4Page - Analog Devices HMC579 Datasheet HTML 5Page - Analog Devices HMC579 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
2 - 56
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC579
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 32 - 46 GHz OUTPUT
v01.0608
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C, Vdd1, Vdd2 = 5.0V, 3 dBm Drive Level
Typical Applications
The HMC579 is suitable for:
• Clock Generation Applications:
SONET OC-192 & SDH STM-64
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military EW / Radar
• Space
The HMC579 die is a x2 active broadband frequency
multiplier utilizing GaAs PHEMT technology. When
driven by a +3 dBm signal, the multiplier provides
+13 dBm typical output power from 32 to 46 GHz.
The Fo isolation is >25 dBc at 38 GHz. The HMC579
is ideal for use in LO multiplier chains for Pt to Pt
& VSAT Radios yielding reduced parts count vs.
traditional approaches. The low additive SSB Phase
Noise of -127 dBc/Hz at 100 kHz offset helps main-
tain good system noise performance.
High Output Power: +13 dBm
Low Input Power Drive: 0 to +6 dBm
Fo Isolation: >25 dBc @ Fout= 38 GHz
100 KHz SSB Phase Noise: -127 dBc/Hz
Single Supply: +5V@ 70 mA
Die Size: 1.18 mm x 1.23 mm x 0.1 mm
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
16 - 23
GHz
Frequency Range, Output
32 - 46
GHz
Output Power
813
dBm
Fo Isolation (with respect to output level)
25
dBc
Input Return Loss
12
dB
Output Return Loss
8dB
SSB Phase Noise (100 kHz Offset)
-127
dBc/Hz
Supply Current (Idd1, Idd2)
70
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC579

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC579 HITTITE-HMC579 Datasheet
273Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
HMC579 HITTITE-HMC579 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Hittite Microwave Corpo...
HMC579 HITTITE-HMC579_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
More results

Similar Description - HMC579

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
Test Instrumentation
HMC1096LP3E AD-HMC1096LP3E Datasheet
532Kb / 8P
Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
Test Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com