Electronic Components Datasheet Search
  English  ▼

X  

AP1623 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1623
Description  PWM Control Step-Down Switching Regulator-Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1623 Datasheet(HTML) 1 Page - Anachip Corp

  AP1623 Datasheet HTML 1Page - Anachip Corp AP1623 Datasheet HTML 2Page - Anachip Corp AP1623 Datasheet HTML 3Page - Anachip Corp AP1623 Datasheet HTML 4Page - Anachip Corp AP1623 Datasheet HTML 5Page - Anachip Corp AP1623 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP1623
PWM Control Step-Down Switching Regulator-Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.1 Feb 10, 2004
1/6
Features
- Low current consumption:
In operation: 60µA max.
Power off: 0.5µA max.
- Input voltage: 2.5V to 16V.
- Output voltage: 1.8V & Adjustable to 6V.
- Duty ratio: 0% to 100% PWM control
- Oscillation frequency: 180KHz typ.
- Soft-start function: 8ms typ.
- With a power-off function.
- Built-in internal SW P-channel MOS
- SOP-8L Package.
Applications
- On-board power supplies of battery devices for
portable telephones, electronic notebooks, PDA,
and other hand-held sets.
- Power supplies for audio equipment, including
portable CD players and headphone stereo
equipment.
- Fixed voltage power supply for cameras, video
equipment and communications equipment.
- Power supplies for microcomputers.
- Conversion from four Ni-H or Ni-Cd cells or two
lithium-ion cells to 3.3V/3V.
- Conversion of AC adapter input to 5V/3V.
General Description
AP1623 consists of CMOS step-down switching
regulator-controllers with PWM control. These devices
include a reference voltage source, oscillation circuit,
error amplifier, internal PMOS and etc.
AP1623 provides low-ripple power, high efficiency,
and excellent transient characteristics. The PWM
control circuit is able to very the duty ratio linearly
from 0 up to 100. This converter also contains an
error amplifier circuit as well as a soft-start circuit that
prevent s overshoot at startup.
With the addition of an internal P-channel Power MOS,
a coil, capacitors, and a diode connected externally,
these ICs can function as step-down switching
regulators. They serve as ideal power supply units for
portable devices when coupled with the SOP–8L
mini-package, providing such outstanding features as
low current consumption. Since this converter can
accommodate an input voltage of up to 16V, it is also
ideal when operating via an AC adapter.
Pin Assignments
1
2
3
4
8
7
6
5
VOUT
SW
VCC
AP1623
SW
ON/OFF
Vss
Vss
PVCC
Pin Descriptions
Name
Pin
Description
VOUT
1
Output voltage monitoring pin
ON/OFF
2
Power-off pin
H: Normal operation
(Step-down operation)
L: Step-down operation
stopped
(All circuits deactivated)
VCC
3
IC signal power supply pin
PVCC
4
IC power supply pin
SW
5、6
Switch Pin. Connect external
inductor/diode here. Minimize
trace area at this pin to reduce
EMI.
VSS
7、8 GND Pin


Similar Part No. - AP1623

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
AP1620 HAMMOND-AP1620 Datasheet
53Kb / 1P
Panels for N1A Series Enclosures
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
PWM/PFM Dual Mode Step-up DC/DC Controller
Rev.1.1 Dec.23, 2004
logo
Diodes Incorporated
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
logo
Anachip Corp
AP1624WA ANACHIP-AP1624WA Datasheet
172Kb / 7P
PWM/PFM Dual Mode Step-up DC/DC Controller
Rev.1.1 Dec.23, 2004
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
More results

Similar Description - AP1623

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
PWM control Step-Down switching regulator IC
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S-8533 SII-S-8533 Datasheet
410Kb / 31P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
New Japan Radio
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
PWM control Step-Down switching regulator IC
logo
Seiko Instruments Inc
S8533 SII-S8533 Datasheet
1Mb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Torex Semiconductor
XC9246B65CMR-G TOREX-XC9246B65CMR-G Datasheet
137Kb / 1P
PWM Switching Control,Step-Down DC/DC Converter
XC9246B75CMR-G TOREX-XC9246B75CMR-G Datasheet
137Kb / 1P
PWM Switching Control,Step-Down DC/DC Converter
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com