Electronic Components Datasheet Search
  English  ▼

X  

8239 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8239
Description  MSD Blaster Mitsubishi/Neon Coil Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8239 Datasheet(HTML) 1 Page - Mallory performance club

  8239 Datasheet HTML 1Page - Mallory performance club 8239 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IMPORTANT: Read instructions before attempting the installation.
Parts Included:
1 - Blaster Coil
WARNING: During installation, disconnect the battery cables. When disconnecting the battery,
always remove the Negative cable first and install it last.
The MSD Blaster Coil is designed as a replacement coil and produces a high voltage spark. To get
even more ignition performance, install an MSD DIS-2 Ignition Control, PN 62112.
There are two types of 4-tower coils used on the Eclipse, Neon, Talon and other vehicles. Figure 1
shows the difference between the two. The MSD Coil, PN 8239 has flat terminal pins, if you require a
coil with round terminal pins, an Adapter can be ordered from Mopar Dealers as PN M04897087AA,
or call the MSD Customer Service line at (915) 855-7123, ask for Adapter, ASY30160.
1. Disconnect the stock coil connector and note the position of the plug wires before removing the
wires.
2. Remove the four mounting bolts and remove coil.
3. Install the new MSD Blaster Coil and retaining screws.
4. Plug in the wiring harness and connect the coil wires.
WARNING: High Voltage is present on the coil terminals. DO NOT touch the coil terminals or
tower when the engine is cranking or running.
ROUND
TERMINAL PINS
FLAT
TERMINAL PINS
PN 8239
Figure 1 The difference between round and flat terminal coils.
MSD Blaster Mitsubishi/Neon Coil Pack
PN 8239
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
12V
12V
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 8239

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8239 FILTRAN-8239 Datasheet
257Kb / 2P
LAN 10 BASE-T Surface Mount Interface Modules
logo
API Technologies Corp
8239 APITECH-8239 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
logo
RAF ELECTRONIC HARDWARE
8239-1032-A RAF-8239-1032-A Datasheet
113Kb / 1P
ROUND INTERNAL THREAD HANDLE
8239-2520-SS RAF-8239-2520-SS Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
More results

Similar Description - 8239

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8200 MALLORY-PN8200 Datasheet
301Kb / 2P
MSD Blaster Coil
PN8202 MALLORY-PN8202 Datasheet
151Kb / 2P
MSD Blaster Coil
PN8224 MALLORY-PN8224 Datasheet
178Kb / 2P
MSD Blaster GM Dual Tower Coil Pack
PN8239 MALLORY-PN8239 Datasheet
145Kb / 2P
MSD Blaster Mitsubishi/Neon Coil Pack
PN8241 MALLORY-PN8241 Datasheet
995Kb / 2P
MSD Blaster Ford 4-Tower Coil Pack
8202 MALLORY-8202 Datasheet
150Kb / 2P
MSD Blaster Coil
8203 MALLORY-8203 Datasheet
301Kb / 2P
MSD Blaster Coil
8223 MALLORY-8223 Datasheet
150Kb / 2P
MSD Blaster Coil
8224 MALLORY-8224 Datasheet
178Kb / 2P
MSD Blaster GM Dual Tower Coil Pack
8241 MALLORY-8241 Datasheet
995Kb / 2P
MSD Blaster Ford 4-Tower Coil Pack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com