Electronic Components Datasheet Search
  English  ▼

X  

EMD2 Datasheet(PDF) 2 Page - Rohm

Part # EMD2
Description  General purpose Dual digital transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD2 Datasheet(HTML) 2 Page - Rohm

  EMD2 Datasheet HTML 1Page - Rohm EMD2 Datasheet HTML 2Page - Rohm EMD2 Datasheet HTML 3Page - Rohm EMD2 Datasheet HTML 4Page - Rohm EMD2 Datasheet HTML 5Page - Rohm EMD2 Datasheet HTML 6Page - Rohm EMD2 Datasheet HTML 7Page - Rohm EMD2 Datasheet HTML 8Page - Rohm EMD2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
EMD2 / UMD2N / IMD2A
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol DTr1(NPN) DTr2(PNP)
Unit
Supply voltage
VCC
50
-50
V
Input voltage
VIN
-10 to 40
-40 to 10
V
Output current
IO
30
-30
mA
Collector current
IC(MAX)*1
100
-100
mA
Power dissipation
EMD2/ UMD2N
PD*2*3
150
mW/Total
IMD2A
PD*2*4
300
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C) <For DTr1(NPN)>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100μA
-
-
0.5
V
VI(on)
VO = 0.2V, IO = 5mA
3.0
-
-
Output voltage
VO(on)
IO = 10mA, II = 0.5mA
-
100
300
mV
Input current
II
VI = 5V
-
-
360
μA
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
500
nA
DC current gain
GI
VO = 5V, IO = 5mA
56
-
-
-
Input resistance
R1
-
15.4
22
28.6
kΩ
Resistance ratio
R2/R1
-
0.8
1.0
1.2
-
Transition frequency
fT*1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
l
lElectrical characteristics (Ta = 25°C) <For DTr2(PNP)>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -100μA
-
-
-0.5
V
VI(on)
VO = -0.2V, IO = -5mA
-3.0
-
-
Output voltage
VO(on)
IO = -10mA, II = -0.5mA
-
-100
-300
mV
Input current
II
VI = -5V
-
-
-360
μA
Output current
IO(off)
VCC = -50V, VI = 0V
-
-
-500
nA
DC current gain
GI
VO = -5V, IO = -5mA
56
-
-
-
Input resistance
R1
-
15.4
22
28.6
kΩ
Resistance ratio
R2/R1
-
0.8
1.0
1.2
-
Transition frequency
fT*1
VCE = -10V, IE = 5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor.
*2 Each terminal mounted on a reference land.
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/9
20151030 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com