Electronic Components Datasheet Search
  English  ▼

X  

PIP3105-P Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIP3105-P
Description  Logic level TOPFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3105-P Datasheet(HTML) 1 Page - NXP Semiconductors

  PIP3105-P Datasheet HTML 1Page - NXP Semiconductors PIP3105-P Datasheet HTML 2Page - NXP Semiconductors PIP3105-P Datasheet HTML 3Page - NXP Semiconductors PIP3105-P Datasheet HTML 4Page - NXP Semiconductors PIP3105-P Datasheet HTML 5Page - NXP Semiconductors PIP3105-P Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Logic level TOPFET
PIP3105-P
DESCRIPTION
QUICK REFERENCE DATA
Monolithic temperature and
SYMBOL
PARAMETER
MAX.
UNIT
overload protected logic level power
MOSFET in TOPFET2 technology
V
DS
Continuous drain source voltage
50
V
assembled in a 3 pin plastic
I
D
Continuous drain current
16
A
package.
P
D
Total power dissipation
65
W
T
j
Continuous junction temperature
150
˚C
APPLICATIONS
R
DS(ON)
Drain-source on-state resistance
50
m
Ω
General purpose switch for driving
I
ISL
Input supply current
V
IS = 5 V
650
µA
lamps
motors
solenoids
heaters
FEATURES
FUNCTIONAL BLOCK DIAGRAM
TrenchMOS output stage
Current limiting
Overload protection
Overtemperature protection
Protection latched reset by input
5 V logic compatible input level
Control of output stage and
supply of overload protection
circuits derived from input
Low operating input current
permits direct drive by
micro-controller
ESD protection on all pins
Overvoltage clamping for turn
off of inductive loads
Fig.1. Elements of the TOPFET.
PINNING - SOT78B
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
input
2
drain
3
source
tab
drain
DRAIN
SOURCE
INPUT
RIG
LOGIC AND
PROTECTION
O / V
CLAMP
POWER
MOSFET
12 3
MBL292
Front view
mb
mb
P
D
S
I
TOPFET
May 2001
1
Rev 1.000


Similar Part No. - PIP3105-P

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
PIP3100T5X BANNER-PIP3100T5X Datasheet
15Mb / 42P
Fiber Optic Systems
PIP3100TMB5X BANNER-PIP3100TMB5X Datasheet
15Mb / 42P
Fiber Optic Systems
PIP3100UCX BANNER-PIP3100UCX Datasheet
15Mb / 42P
Fiber Optic Systems
PIP3100UHFX BANNER-PIP3100UHFX Datasheet
15Mb / 42P
Fiber Optic Systems
PIP3100UX BANNER-PIP3100UX Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - PIP3105-P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3115-B PHILIPS-PIP3115-B Datasheet
30Kb / 6P
Logic level TOPFET
May 2001 Rev 1.000
PIP3117-B PHILIPS-PIP3117-B Datasheet
30Kb / 6P
Logic level TOPFET
May 2001 Rev 1.000
PIP3119-P PHILIPS-PIP3119-P Datasheet
31Kb / 6P
Logic level TOPFET
May 2001 Rev 1.000
PIP3102-R PHILIPS-PIP3102-R Datasheet
162Kb / 13P
LOGIC LEVEL TOPFET
October 2002-Rev 1.000
BUK119-50DL PHILIPS-BUK119-50DL Datasheet
47Kb / 6P
Logic level TOPFET
May 2001-Rev 1.900
PIP3107-D PHILIPS-PIP3107-D Datasheet
39Kb / 6P
Logic level TOPFET
October 2001-Rev 1.000
logo
Guangdong Kexin Industr...
KUK129-50DL KEXIN-KUK129-50DL Datasheet
58Kb / 2P
Logic level TOPFET
KUK130-50DL KEXIN-KUK130-50DL Datasheet
56Kb / 2P
Logic level TOPFET
logo
NXP Semiconductors
BUK135-50L NXP-BUK135-50L Datasheet
168Kb / 13P
Logic level TOPFET
July 2002 Rev 1.100
BUK114-50L NXP-BUK114-50L Datasheet
119Kb / 13P
Logic level TOPFET
September 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com