Electronic Components Datasheet Search
  English  ▼

X  

EMA2 Datasheet(PDF) 1 Page - Rohm

Part # EMA2
Description  Emitter common Dual digital transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMA2 Datasheet(HTML) 1 Page - Rohm

  EMA2 Datasheet HTML 1Page - Rohm EMA2 Datasheet HTML 2Page - Rohm EMA2 Datasheet HTML 3Page - Rohm EMA2 Datasheet HTML 4Page - Rohm EMA2 Datasheet HTML 5Page - Rohm EMA2 Datasheet HTML 6Page - Rohm EMA2 Datasheet HTML 7Page - Rohm EMA2 Datasheet HTML 8Page - Rohm EMA2 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EMA2 / UMA2N / FMA2A
Emitter common (dual digital transistors)
Datasheet
l
lOutline
Parameter
DTr1 and DTr2
SOT-553
SOT-353
VCC
-50V
 
 
 
 
IC(MAX.)
-100mA
R1
47kΩ
EMA2
UMA2N
R2
47kΩ
(EMT5)
(UMT5)
SOT-25
                     
l
lFeatures
 
 
 
 
1)Two DTA144E transistors in a EMT or UMT
  or SMT package.
2)Mounting cost and area can be cut in half.
 
 
 
 
FMA2A
 
(SMT5)
 
                     
l
lInner circuit
EMA2 / UMA2N
FMA2A
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
     
     
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
EMA2
SOT-553
(EMT5)
1616
T2R
180
8
8000
A2
UMA2N
SOT-353
(UMT5)
2021
TR
180
8
3000
A2
FMA2A
SOT-25
(SMT5)
2928
T148
180
8
3000
A2
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/7
20151001 - Rev.002


Similar Part No. - EMA2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA2 ROHM-EMA2 Datasheet
73Kb / 3P
Emitter common (dual digital transistors)
EMA2 ROHM-EMA2 Datasheet
444Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMA2 ROHM-EMA2 Datasheet
444Kb / 7P
Built-In Biasing Resistors, R1 = R2 = 47kW.
logo
Excelics Semiconductor,...
EMA205B EXCELICS-EMA205B Datasheet
198Kb / 4P
9-16 GHz Medium Power MMIC
logo
Excelliance MOS Corp.
EMA20N03A EXCELLIANCE-EMA20N03A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMA2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
Emitter common (dual digital transistors)
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
Emitter common (dual digital transistors)
FMG12 ROHM-FMG12 Datasheet
41Kb / 1P
Emitter common(dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J Datasheet
143Kb / 2P
EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
Emitter common Dual digital transistors
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com