Electronic Components Datasheet Search
  English  ▼

X  

PICO300 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO300
Description  IntelR PentiumR N3710 & CeleronR N3060 processor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO300 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO300 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
154
axiomtek.com
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
© 2017 Axiomtek Co., Ltd. All rights reserved.
Core System
Ordering Information
Standard
PICO300HGA-N3710
(P/N: E38H300100)
Pico-ITX SBC with Intel® Pentium® N3710 (1.6-2.56 GHz,
2 MB Cache, 6W) HDMI/LVDS, 1 GbE LAN, 1 USB 2.0
PICO300VGA-N3710
(P/N: E38H300101)
Pico-ITX SBC with Intel® Pentium® N3710 (1.6-2.56 GHz,
2 MB Cache, 6W) VGA/LVDS, 1 GbE LAN, 1 USB 2.0
PICO300HGA-N3060
(P/N: E38H300102)
Pico-ITX SBC with Intel® Celeron® N3060 (1.6-2.48 GHz,
1 MB Cache, 6W) HDMI/LVDS, 1 GbE LAN, 1 USB 2.0
PICO300VGA-N3060
(P/N: E38H300104)
Pico-ITX SBC with Intel® Celeron® N3060 (1.6-2.48 GHz,
1 MB Cache, 6W) VGA/LVDS, 1 GbE LAN, 1 USB 2.0
Optional
AX93275
(P/N:E393275102)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0,
1 x VGA, 1 x Audio
AX93276
(P/N:E393276102)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0,
1 x HDMI, 1 x Gigabit LAN
AX93292
(P/N: E393292100)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 2.0,
1 x Audio
AX93299
(P/N: E393299100)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0,
1 x Audio
Display
Packing List
Standard
Quick installation guide, User’s Manual/Utility CD and accessories
Accessories
Part Number
Description
Qty
59403208000E
SATA cable
1
594P8800600E
SATA power cable
1
594P8802800E
USB cable
1
5078H300100E
Heatspreader
1
5078H300200E
Heatsink
1
CPU
Intel® Pentium® N3710 & Celeron® N3060 processor
System Memory
1 x 204-pin DDR3L-1600 SO-DIMM, up to 8GB
Chipset
N/A
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x full-size PCI Express Mini Card with mSATA
1 x PCIe x1, 2 x UART, 1 x DDI, 4 x USB 3.0 and 1 x HD audio
(through expansion connector)
Battery Lithium
Lithium 3V/220mAH
Power Input
DC power jack connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
Intel® Pentium® N3710 @ 1.6 GHz, 8GB DDR3L
Max RMS: +12V @ 1.3A
Intel® Celeron® N3060 @ 1.6 GHz, 8GB DDR3L
Max. RMS: +12V @ 1.2A
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +60°C (-4°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
I/O
MIO
N/A
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
Audio
HD Codec audio as MIC-in/Line-out with Realtek ALC662
USB
1 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
N/A
Chipset
Intel® integrated Gfx graphic engine
Memory Size
Share system memory
Display Interface
1 x LVDS; 18/24-bit single/dual channel
1 x HDMI or 1 x VGA
Rear view
Side view
DDR3L SO-DIMM
Full-Size PCI
Express Mini
Card w/mSATA
supported
DDR3L
DDR3L
DDR3L
PCIe Mini
PCIe Mini
PCIe Mini
+12V
AiRD
Full Solid
Cap Design
Low Power
DualView
Fanless
LVDS
SATA
Ethernet
HDMI
+12V power input
Audio, 2 x UART,
Power on/off, reset. LED
4 x USB 3.0,
1 x PCIe x1, DDI
VGA
Internal power connector (Optional)
Assembly view
PICO300
Pico-ITX SBC with Intel® Pentium® N3710 & Celeron® N3060 Processor,
HDMI (VGA)/LVDS, LAN and Audio
Features
● Intel® Pentium® N3710 & Celeron® N3060 processor
(Braswell SoC)
● 1 DDR3L-1600 SO-DIMM, up to 8GB
● 1 USB 2.0 ports
● PCI Express Mini Card
● AXView 2.0 Intelligent remote management software


Similar Part No. - PICO300

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312 Datasheet
310Kb / 1P
IntelR PentiumR processor N4200 & CeleronR processor N3350 (Apollo Lake)
PICO312HG-N4200 AXIOMTEK-PICO312HG-N4200 Datasheet
310Kb / 1P
IntelR PentiumR processor N4200 & CeleronR processor N3350 (Apollo Lake)
PICO312VG-N3350 AXIOMTEK-PICO312VG-N3350 Datasheet
310Kb / 1P
IntelR PentiumR processor N4200 & CeleronR processor N3350 (Apollo Lake)
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
PICO313 AXIOMTEK-PICO313 Datasheet
446Kb / 1P
Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350, LVDS
More results

Similar Description - PICO300

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SG556 CYPRESS-SG556 Datasheet
62Kb / 10P
Mobile PentiumR Processor Application Clock Generator
logo
Axiomtek Co., Ltd.
EBOX640-500-FL AXIOMTEK-EBOX640-500-FL Datasheet
296Kb / 1P
LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3 & CeleronR processor
IMB500 AXIOMTEK-IMB500 Datasheet
274Kb / 1P
LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
IMB501 AXIOMTEK-IMB501 Datasheet
319Kb / 1P
LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
MANO310 AXIOMTEK-MANO310 Datasheet
248Kb / 1P
IntelR CeleronR processor N3350 (Apollo Lake)
NA345 AXIOMTEK-NA345 Datasheet
287Kb / 1P
IntelR Atom??x5-E3930 Processor/CeleronR Processor N3350 (Apollo Lake)
NA720 AXIOMTEK-NA720 Datasheet
290Kb / 1P
IntelR XeonR processor D-1527/PentiumR processor D1508 onboard (Broadwell-DE)
PICO312 AXIOMTEK-PICO312 Datasheet
310Kb / 1P
IntelR PentiumR processor N4200 & CeleronR processor N3350 (Apollo Lake)
NA343 AXIOMTEK-NA343_17 Datasheet
228Kb / 1P
Desktop Network Appliance Platform with Intel Celeron N3060/N3160 Processor and 4 LANs
GOT3217WL-845-PCT AXIOMTEK-GOT3217WL-845-PCT Datasheet
519Kb / 2P
21.5 FHD TFT Multi-touch Panel Computer with Intel Pentium Processor N3710
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com