Electronic Components Datasheet Search
  English  ▼

X  

PICO312 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO312
Description  IntelR PentiumR processor N4200 & CeleronR processor N3350 (Apollo Lake)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO312 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO312 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
152
axiomtek.com
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
© 2017 Axiomtek Co., Ltd. All rights reserved.
Standard
Quick installation guide, user’s manual/utility CD and accessories
Accessories
Part Number
Description
Qty
SATA cable
1
SATA power cable
1
Heatspreader
1
Heatsink
1
Standard
PICO312HG-N4200
Pico-ITX SBC with Intel® Pentium® processor N4200,
HDMI/LVDS, 1 GbE LAN, 1 USB 2.0
PICO312VG-N3350
Pico-ITX SBC with Intel® Celeron® processor N3350, VGA/
LVDS, 1 GbE LAN, 1 USB 2.0
MIO
N/A
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
Audio
N/A
USB
1 x USB 2.0
I
2C
I
2C Bus for advanced monitoring/control
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
N/A
Chipset
Intel® integrated Gfx graphic engine
Memory Size
Share system memory
Display Interface
1 x LVDS; 18/24-bit single/dual channel
1 x HDMI or 1 x VGA
CPU
Intel® Pentium® processor N4200 & Celeron® processor
N3350 onboard (Apollo Lake)
System Memory
1 x 204-pin DDR3L-1867 SO-DIMM, up to 8GB
Chipset
SoC Integrated
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x full-size PCI Express Mini Card with mSATA
1 x PCIe x1, 1 x LPC, 1 x DDI, 4 x USB 3.0, 1 x HD audio and
1 x SMBus (through expansion connector)
Battery Lithium
Lithium 3V/220mAH
Power Input
DC power jack connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
TBD
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +60°C (-4°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
PICO312
Pico-ITX SBC with Intel® Pentium® Processor N4200 & Celeron® Processor N3350,
HDMI (VGA)/LVDS and LAN
NEW
Core System
Ordering Information
Display
Packing List
I/O
DDR3L
DDR3L
DDR3L
PCIe Mini
PCIe Mini
PCIe Mini
+12V
AiRD
Full Solid
Cap Design
Low Power
DualView
Fanless
Side view
Rear view
SATA
Full-size PCIe
Mini Card with
mSATA
supported
DDR3L SO-DIMM
Ethernet
USB 2.0
LVDS
4 x USB 3.0, 1 x PCIe x1, DDI
HD audio, LPC, power on/off,
reset, LED
HDMI
+12V power input
Features
● Intel® Pentium® processor N4200 & Celeron® processor
N3350 (Apollo Lake)
● 1 DDR3L-1867 SO-DIMM, up to 8GB
● 1 USB 2.0 ports
● PCI Express Mini Card with mSATA supported


Similar Part No. - PICO312

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
More results

Similar Description - PICO312

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB500 AXIOMTEK-IMB500 Datasheet
274Kb / 1P
LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
IMB501 AXIOMTEK-IMB501 Datasheet
319Kb / 1P
LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
MANO310 AXIOMTEK-MANO310 Datasheet
248Kb / 1P
IntelR CeleronR processor N3350 (Apollo Lake)
NA345 AXIOMTEK-NA345 Datasheet
287Kb / 1P
IntelR Atom??x5-E3930 Processor/CeleronR Processor N3350 (Apollo Lake)
NA720 AXIOMTEK-NA720 Datasheet
290Kb / 1P
IntelR XeonR processor D-1527/PentiumR processor D1508 onboard (Broadwell-DE)
PICO300 AXIOMTEK-PICO300 Datasheet
390Kb / 1P
IntelR PentiumR N3710 & CeleronR N3060 processor
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
Q7M311 AXIOMTEK-Q7M311 Datasheet
269Kb / 1P
Qseven Module with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
Lanner All Rights Reser...
NCA-1031 LANNER-NCA-1031 Datasheet
1Mb / 2P
Desktop Fanless x86 Network Appliance with Intel짰 Atom??N4200/N3350 Processor (Codenamed Apollo Lake)
logo
BCM Advanced Research.
MX3350N BCM-MX3350N Datasheet
525Kb / 1P
Intel N3350 Thin mini-ITX motherboard with MX3350N onboard Intel Apollo Lake Processor
2020/12/14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com