| Electronic Components Datasheet Search |
|
PLUS405-37 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PLUS405-37 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 20 page ![]() Philips Semiconductors Product specification PLUS405-37/-45 Programmable logic sequencers (16 × 64 × 8) 1996 Nov 12 7 DETAILS FOR REGISTERS FOR PLUS405 STATE REGISTERS J K Q P R CLK TO INIT LINE TO AND ARRAY Detail B 19 INIT/OE Detail A Ps OUTPUT REGISTERS J K Q P R CLK TO INIT LINE Detail C Fn FROM PIN 1 CLK FROM PIN 4 (I5/CLK) Detail D SP00254 COMPLEMENT ARRAY DETAIL P63 P62 P2 P1 P0 A B C0 D E C1 C1 C0 TO OR ARRAY SP00255 The Complement Array is a special sequencer feature that is often used for detecting illegal states. It is also ideal for generating IF-THEN-ELSE logic statements with a minimum number of product terms. The concept is deceptively simple. If you subscribe to the theory that the expressions (/A * /B * /C) and (A + B + C) are equivalent, you will begin to see the value of this single term NOR array. The Complement Array is a single OR gate with inputs from the AND array. The output of the Complement Array is inverted and fed back to the AND array (NOR). The output of the array will be Low if any one or more of the AND terms connected to it are active (High). If, however, all the connected terms are inactive (Low), which is a classic unknown state, the output of the Complement Array will be High. Consider the Product Terms A, B and D that represent defined states. They are also connected to the input of the Complement Array. When the condition (not A and not B and not D) exists, the Complement Array will detect this and propagate an Active-High signal to the AND array. This signal can be connected to Product Term E, which could be used in turn to reset the state machine to a known state. Without the Complement Array, one would have to generate product terms for all unknown or illegal states. With very complex state machines, this approach can be prohibitive, both in terms of time and wasted resources. Note that the PLUS405 has 2 Complement Arrays which allow the user to design 2 independent Complement functions. This is particularly useful if 2 independent state machines have been implemented on one device. Note that use of the Complement Array adds an additional delay path through the device. Please refer to the AC Electrical Characteristics for details. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |