Electronic Components Datasheet Search
  English  ▼

X  

HMC291SE Datasheet(PDF) 2 Page - Analog Devices

Part # HMC291SE
Description  HMC291SE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC291SE Datasheet(HTML) 2 Page - Analog Devices

  HMC291SE Datasheet HTML 1Page - Analog Devices HMC291SE Datasheet HTML 2Page - Analog Devices HMC291SE Datasheet HTML 3Page - Analog Devices HMC291SE Datasheet HTML 4Page - Analog Devices HMC291SE Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
2
HMC291SE
v05.1216
4 dB LSB SILICON 2-BIT POSITIVE CONTROL
DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
State Error vs. Attenuation State
Return Loss RF1, RF2
Insertion Loss
Normalized Attenuation vs. Attenuation State
Step Error vs. Frequency
Relative Phase vs. Frequency
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
+25C
+85C
-40C
FREQUENCY (GHz)
-20
-10
0
10
20
30
40
50
60
4 dB
8 dB
12 dB
0.511.52
2.533.54
FREQUENCY (GHz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.5
1
1.5
2
2.5
3
3.5
4
4 dB
8 dB
12 dB
FREQUENCY (GHz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.5
1
1.5
2
2.5
3
3.5
4
4 dB
8 dB
12 dB
FREQUENCY (GHz)
-14
-12
-10
-8
-6
-4
-2
0
0.5
1
1.5
2
2.5
3
3.5
4
4 dB
8 dB
12 dB
FREQUENCY (GHz)
-45
-40
-35
-30
-25
-20
-15
-10
0.5
1
1.5
2
2.5
3
3.5
4
RF1 - IL
RF1 - 4 dB
RF1 - 8 dB
RF1 - 12 dB
RF2 - IL
RF2 - 4 dB
RF2 - 8 dB
RF2 - 12 dB
FREQUENCY (GHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com