Electronic Components Datasheet Search
  English  ▼

X  

HMC362 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC362
Description  Point-to-Point and Point-to-Multi-Point Radios
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC362 Datasheet(HTML) 3 Page - Analog Devices

  HMC362 Datasheet HTML 1Page - Analog Devices HMC362 Datasheet HTML 2Page - Analog Devices HMC362 Datasheet HTML 3Page - Analog Devices HMC362 Datasheet HTML 4Page - Analog Devices HMC362 Datasheet HTML 5Page - Analog Devices HMC362 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1
1 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Voltage Waveform,
Pin= 0 dBm, Fout= 882 MHz, T= 25 °C
Absolute Maximum Ratings
Outline Drawing
Typical Supply Current vs. Vcc
Note: Divider will operate over full voltage range shown above
Vcc (V)
Icc (mA)
4.75
61
5.0
68
5.25
74
RF Input (Vcc = +5V)
+13 dBm
Vcc
+5.5V
VLogic
Vcc -1.6V to Vcc -1.2V
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
NOTES:
1. ALL DIMENSIONS IN INCHES (MILLIMETERS)
2. ALL TOLERANCES ARE ±0.001 (0.025)
3. DIE THICKNESS IS 0.004 (0.100) BACKSIDE IS GROUND
4. BOND PADS ARE 0.004 (0.100) SQUARE
5. BOND PAD SPACING, CTR-CTR: 0.006 (0.150)
6. BACKSIDE METALLIZATION: GOLD
7. BOND PAD METALLIZATION: GOLD
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Die Packaging Information [1]
Standard
Alternate
WP-8 (Waffle Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
-300
-200
-100
0
100
200
300
22.7
23.1
23.5
23.9
24.3
24.7
TIME (nS)
HMC362
v04.0109
GaAs HBT MMIC
DIVIDE-BY-4, DC - 11 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com