Electronic Components Datasheet Search
  English  ▼

X  

HMC396 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC396
Description  Stable Gain Over Temperature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC396 Datasheet(HTML) 1 Page - Analog Devices

  HMC396 Datasheet HTML 1Page - Analog Devices HMC396 Datasheet HTML 2Page - Analog Devices HMC396 Datasheet HTML 3Page - Analog Devices HMC396 Datasheet HTML 4Page - Analog Devices HMC396 Datasheet HTML 5Page - Analog Devices HMC396 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
2 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC396
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 8 GHz
v02.0109
General Description
Features
Functional Diagram
The HMC396 die is a GaAs InGaP Heterojunction
Bipolar Transistor (HBT) Gain Block MMIC DC to
8 GHz amplifier. This amplifier can be used as either
a cascadable 50 Ohm gain stage or to drive the LO
of HMC mixers with up to +16 dBm output power. The
HMC396 offers 12 dB of gain and an output IP3 of
+30 dBm while requiring only 56 mA from a +5V supply.
The Darlington feedback pair used results in reduced
sensitivity to normal process variations and yields
excellent gain stability over temperature while requir-
ing a minimal number of external bias components.
The HMC396 can easily be integrated into Multi-Chip-
Modules (MCMs) due to its small (0.22mm2) size. All
data is with the chip in a 50 Ohm test fixture connected
via 0.025mm (1 mil) diameter wire bonds of minimal
length 0.5mm (20 mils).
Gain: 12 dB
P1dB Output Power: +14 dBm
Stable Gain Over Temperature
50 Ohm I/O’s
Small Size: 0.38 x 0.58 x 0.1 mm
Typical Applications
An excellent cascadable 50 Ohm
Gain Block or LO Driver for:
• Microwave & VSAT Radios
• Test Equipment
• Military EW, ECM, C3I
• Space Telecom
Electrical Specifications, Vs= +5.0V, Rbias= 22 Ohm, T
A = +25° C
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 4.0 GHz
4.0 - 8.0 GHz
12
11
dB
dB
Gain Variation Over Temperature
DC - 4.0 GHz
4.0 - 8.0 GHz
0.004
0.015
dB/ °C
dB/ °C
Input Return Loss
DC - 4.0 GHz
4.0 - 8.0 GHz
15
12
dB
dB
Output Return Loss
DC - 4.0 GHz
4.0 - 8.0 GHz
19
17
dB
dB
Reverse Isolation
DC - 8.0 GHz
16
dB
Output Power for 1 dB Compression (P1dB)
DC - 4.0 GHz
4.0 - 8.0 GHz
14
13
dBm
dBm
Output Third Order Intercept (IP3)
DC - 4.0 GHz
4.0 - 8.0 GHz
30
24
dBm
dBm
Noise Figure
DC - 8.0 GHz
6
dB
Supply Current (Icq)
56
mA
Note: Data taken with broadband bias tee on device output.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC396

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC396 HITTITE-HMC396 Datasheet
183Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC396 HITTITE-HMC396 Datasheet
199Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
logo
Micross Components
HMC396 MICROSS-HMC396 Datasheet
829Kb / 9P
Test Equipment
logo
Hittite Microwave Corpo...
HMC396 HITTITE-HMC396_07 Datasheet
199Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
More results

Similar Description - HMC396

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
B012MD5S DILABS-B012MD5S Datasheet
730Kb / 3P
Frequency Stable over Temperature
B016MD6S DILABS-B016MD6S Datasheet
555Kb / 3P
Frequency Stable over Temperature
B028RF2S DILABS-B028RF2S Datasheet
350Kb / 3P
Frequency Stable over Temperature
B056RC4S DILABS-B056RC4S Datasheet
327Kb / 3P
Frequency Stable over Temperature
B096QC2S DILABS-B096QC2S Datasheet
347Kb / 3P
Frequency Stable over Temperature
N012ME9S DILABS-N012ME9S Datasheet
426Kb / 2P
Frequency Stable over Temperature
logo
Micross Components
HMC397 MICROSS-HMC397 Datasheet
834Kb / 9P
Stable Gain Over Temperature
logo
Analog Devices
HMC397 AD-HMC397 Datasheet
291Kb / 6P
Stable Gain Over Temperature
logo
Anaren Microwave
XDL09-9-204 ANAREN-XDL09-9-204 Datasheet
117Kb / 3P
Stable over Temperature
XDL20-7-115S ANAREN-XDL20-7-115S Datasheet
128Kb / 3P
Stable over Temperature
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com