Electronic Components Datasheet Search
  English  ▼

X  

PCA167X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA167X
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA167X Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA167X Datasheet HTML 1Page - NXP Semiconductors PCA167X Datasheet HTML 2Page - NXP Semiconductors PCA167X Datasheet HTML 3Page - NXP Semiconductors PCA167X Datasheet HTML 4Page - NXP Semiconductors PCA167X Datasheet HTML 5Page - NXP Semiconductors PCA167X Datasheet HTML 6Page - NXP Semiconductors PCA167X Datasheet HTML 7Page - NXP Semiconductors PCA167X Datasheet HTML 8Page - NXP Semiconductors PCA167X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1998 Apr 03
3
Philips Semiconductors
Product specification
32 kHz watch circuits using a silver-oxide
or a 3 V lithium battery
PCA167x series
FUNCTIONAL DESCRIPTION AND TESTING
Motor pulse
The motor output pulse widths (tP) and the cycle times (tT)
are given in Chapter “Available types”.
Power-on reset
For correct operation of the Power-on reset the rise time of
VDD from 0 V to 1.55 V should be less than 0.1 ms.
All resettable flip-flops are reset. Additionally the polarity of
the first motor pulse is positive: VM1 − VM2 ≥ 0V.
Customer testing and stop mode
An output frequency of 32 Hz is provided at RESET (pin 8)
to be used for exact frequency measurement.
Connecting the RESET to VDD stops the motor pulses
leaving them in a HIGH impedance 3-state condition and a
32 Hz signal is produced at the TEST pin. A debounce
circuit protects against accidental stoppages due to
mechanical shock to the watch (tDEB = 14.7 to 123.2 ms).
Connecting RESET to VSS activates the test mode.
The motor pulse period is 31.25 ms instead of tT. Test and
stop mode are disabled by disconnecting RESET
(open-circuit).
AVAILABLE TYPES
Refer to Fig.2 and to Chapters “Ordering information” and “Functional description and testing”.
Note
1. U = Chip in trays; U/10 = chip on foil.
SHORT
TYPE
NUMBER
DELIVERY
FORMAT(1)
PERIOD
tT
(s)
SPECIFICATIONS
PULSE
WIDTH tP
(ms)
DRIVE
(%)
EEPROM
BATTERY
EOL
DETECTION
REMARKS
1672
U
1
7.8
56
no
no
3 V Lithium
1673
U
1
5.8
56
no
no
3 V Lithium
1675
U
1/16
5.8
100
no
no
no oscillator
1676
U/10
10
5.8
56
no
no
3 V Lithium
1677
U
10
7.8
100
no
no
1.5 V
Fig.2 Motor output waveform (normal operation).
MSA977
VM1 - M2
2t T
t T
t P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com