Electronic Components Datasheet Search
  English  ▼

X  

P89C51RC Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P89C51RC
Description  80C51 Central Processing Unit
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RC Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P89C51RC Datasheet HTML 41Page - NXP Semiconductors P89C51RC Datasheet HTML 42Page - NXP Semiconductors P89C51RC Datasheet HTML 43Page - NXP Semiconductors P89C51RC Datasheet HTML 44Page - NXP Semiconductors P89C51RC Datasheet HTML 45Page - NXP Semiconductors P89C51RC Datasheet HTML 46Page - NXP Semiconductors P89C51RC Datasheet HTML 47Page - NXP Semiconductors P89C51RC Datasheet HTML 48Page - NXP Semiconductors P89C51RC Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Philips Semiconductors
Product specification
P89C51RC+/P89C51RD+
80C51 8-bit Flash microcontroller family
32K/64K ISP FLASH with 512–1K RAM
1999 Oct 27
45
Security
The security feature protects against software piracy and prevents
the contents of the Flash from being read. The Security Lock bits
are located in Flash. The P89C51RC+/P89C51RD+ has three
programmable security lock bits that will provide different levels of
protection for the on-chip code and data (see Table 10).
Table 10.
SECURITY LOCK BITS1
PROTECTION DESCRIPTION
LB1
LB2
LB3
PROTECTION DESCRIPTION
X
X
X
MOVC instructions executed from external program memory are disabled from fetching code bytes
from internal memory.
1
X
X
Block erase is disabled. Erase or programming of the status byte or boot vector is disabled.
X
1
X
Verify of code memory is disabled.
X
X
1
External execution is disabled.
NOTE:
1. Security bits are independent of each other. Full-chip erase may be performed regardless of the state of the security bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com