Electronic Components Datasheet Search
  English  ▼

X  

PCA1465U/7 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA1465U/7
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1465U/7 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA1465U/7 Datasheet HTML 10Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 11Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 12Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 13Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 14Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 15Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 16Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 17Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1998 Apr 21
14
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA146x series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Connecting the battery with reversed polarity does not destroy the circuit, but in this condition a large current flows,
which will rapidly discharge the battery.
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
advisable to take handling precautions appropriate to handling MOS devices. Advice can be found in
“Data Handbook IC16, General, Handling MOS Devices”.
CHARACTERISTICS
VDD = 1.55 V; VSS =0V; fosc = 32.768 kHz; Tamb =25 °C; crystal: RS =20kΩ; C1 = 2 to 3 fF; CL = 8 to 10 pF;
C0 = 1 to 3 pF; unless otherwise specified.
Immunity against parasitic impedance = 20 M
Ω between adjacent pins.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
VSS = 0 V; note 1
−1.8
+6
V
VI
all input voltages
VSS
VDD
V
output short-circuit duration
indefinite
Tamb
operating ambient temperature
−10
+60
°C
Tstg
storage temperature
−30
+100
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD1
supply voltage
Tamb = −10 to +60 °C
1.2
1.55
2.5
V
∆V
DD
supply voltage variation
transient within 1.2 V and 2.5 V
−−
0.25
V
VDD2
supply voltage
programming
5.0
5.1
5.2
V
∆VDDP
supply voltage pulse
variation
programming
0.55
0.6
0.65
V
IDD1
supply current
between motor pulses
−
170
260
nA
IDD2
supply current
VDD = 2.1 V
−
190
300
nA
IDD3
supply current
stop mode; pin 8 connected to
VDD
−
180
280
nA
IDD4
supply current
VDD = 2.1 V
−
220
360
nA
IDD5
supply current
Tamb = −10 to +60 °C
−−
600
nA
Motor output
Vsat
saturation voltage
Σ (P + N) R
M =2kΩ; Tamb = −10 to +60 °C
−
150
200
mV
Zo(sc)
output short-circuit
impedance
between motor pulses
Itransistor <1mA
−
200
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com