Electronic Components Datasheet Search
  English  ▼

X  

P83C366BDA Datasheet(PDF) 54 Page - NXP Semiconductors

Part # P83C366BDA
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366BDA Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button P83C366BDA Datasheet HTML 50Page - NXP Semiconductors P83C366BDA Datasheet HTML 51Page - NXP Semiconductors P83C366BDA Datasheet HTML 52Page - NXP Semiconductors P83C366BDA Datasheet HTML 53Page - NXP Semiconductors P83C366BDA Datasheet HTML 54Page - NXP Semiconductors P83C366BDA Datasheet HTML 55Page - NXP Semiconductors P83C366BDA Datasheet HTML 56Page - NXP Semiconductors P83C366BDA Datasheet HTML 57Page - NXP Semiconductors P83C366BDA Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
1999 Mar 10
54
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.4
OSD clock generator
The clock generator comprises Phase-Locked-Loop circuitry. The frequency of the OSD clock is programmable and is
determined by the decimal value of the contents of the 8-bit OSPLL register. OSD clock frequencies within the range
4 to 12 MHz can be selected in increments of 31.25 kHz. The OSD frequency (fOSD) is calculated as shown below:
Where fHSYNCP is the horizontal sync frequency after the polarity selection circuit.
17.4.1
OSD PLL REGISTER (OSPLL)
The reset value of OSPLL is 00H.
Table 62 OSD PLL Register (SFR address C4H)
Table 63 Description of OSPLL bits
Table 64 Selection of OSD clock frequency
76543210
PLL7
PLL6
PLL5
PLL4
PLL3
PLL2
PLL1
PLL0
BIT
SYMBOL
DESCRIPTION
7 to 0
PLL7 to PLL0 These 8 bits are used to select the OSD clock frequency. Examples of OSD clock
selection are shown in Table 64.
OSPLL VALUE
OSD FREQUENCY (MHz)
00H
4.00
3FH
6.00
7FH
8.00
BFH
10.00
FFH
12.00
f
OSD
2f
HSYNCP
129
OSPLL value
+
()
×
×
=
Fig.33 OSD PLL.
handbook, halfpage
MGM681
OSPLL
(C4H)
DIVIDER
SYSCLK
÷2
fOSD
HSYNC
PLL
HSYNCP
LOAD_SFR
RESET
DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com