Electronic Components Datasheet Search
  English  ▼

X  

DLPC3437 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3437
Description  0.33 1080p DMD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3437 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC3437 Datasheet HTML 1Page - Texas Instruments DLPC3437 Datasheet HTML 2Page - Texas Instruments DLPC3437 Datasheet HTML 3Page - Texas Instruments DLPC3437 Datasheet HTML 4Page - Texas Instruments DLPC3437 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DLP3310
DLPS089 – JANUARY 2017
DLP3310 0.33 1080p DMD
1
1 Features
1
•
0.33-Inch (8.38-mm) Diagonal Micromirror Array
–
Displays Full-HD 1920 × 1080 Pixels on the
Screen
–
5.4 – Micron Micromirror Pitch
–
±17° Micromirror Tilt (Relative to Flat Surface)
–
Side Illumination for Optimal Efficiency and
Optical Engine Size
–
Polarization Independent Aluminum
Micromirror Surface
•
32-Bit SubLVDS Input Data Bus
•
Dedicated DLPC3437 Display Controller and
DLPA3000 PMIC/LED Driver for Reliable
Operation
2 Applications
•
Mobile Smart TVs
•
Screenless TVs
•
Gaming Displays
•
Digital Signage
•
Wearable Displays
•
Pico Projectors
•
Interactive Displays
•
Ultra Mobile Displays
•
Smart Home Displays
•
Virtual Assistant
3 Description
The DLP3310 digital micromirror device (DMD) is a
digitally
controlled
micro-opto-electromechanical
system (MOEMS) spatial light modulator (SLM).
When coupled to an appropriate optical system, the
DLP3310 DMD displays a very crisp and high quality
image or video. DLP3310 is part of the chipset
comprising of the DLP3310 DMD, DLPC3437 display
controller and DLPA3000 PMIC/LED driver. The
compact physical size of the DLP3310 coupled with
the controller and the PMIC/LED driver provides a
complete system solution that enables small form
factor, low power, and high resolution Full-HD
displays.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLP3310
FQM (92)
19.25 mm × 7.2 mm × 3.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DLPC3437

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3437 TI1-DLPC3437 Datasheet
374Kb / 9P
Display Controller
DLPC3437CZEZ TI1-DLPC3437CZEZ Datasheet
374Kb / 9P
Display Controller
DLPC3437CZEZ TI1-DLPC3437CZEZ Datasheet
568Kb / 9P
Low-Power DMD Interface With Interface Training
More results

Similar Description - DLPC3437

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP4710 TI1-DLP4710_16 Datasheet
846Kb / 39P
0.47 1080p DMD
DLP470NE TI1-DLP470NE Datasheet
469Kb / 42P
0.47 1080P DMD
DLP650NE TI1-DLP650NE Datasheet
4Mb / 44P
0.65 1080p S600 DMD
DLP4710 TI1-DLP4710_18 Datasheet
792Kb / 43P
0.47 1080p DMD
DLP3310 TI1-DLP3310_18 Datasheet
901Kb / 41P
DLP3310 0.33 1080p DMD
DLP230NP TI1-DLP230NP Datasheet
122Kb / 6P
23 1080p DMD
DLP470NE TI1-DLP470NE_19 Datasheet
763Kb / 46P
0.47 1080P DMD
DLP4710LC TI1-DLP4710LC Datasheet
760Kb / 44P
DLP4710LC 0.47 1080p DMD
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
DLP651NE 0.65 1080p DMD
DLP781NE TI-DLP781NE Datasheet
1Mb / 44P
DLP781NE 0.78 1080P DMD
OCTOBER 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com