Electronic Components Datasheet Search
  English  ▼

X  

PSMA20A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMA20A
Description  Transient voltage suppressor diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMA20A Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMA20A Datasheet HTML 1Page - NXP Semiconductors PSMA20A Datasheet HTML 2Page - NXP Semiconductors PSMA20A Datasheet HTML 3Page - NXP Semiconductors PSMA20A Datasheet HTML 4Page - NXP Semiconductors PSMA20A Datasheet HTML 5Page - NXP Semiconductors PSMA20A Datasheet HTML 6Page - NXP Semiconductors PSMA20A Datasheet HTML 7Page - NXP Semiconductors PSMA20A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Jan 26
3
Philips Semiconductors
Product specification
Transient voltage suppressor diodes
PSMA8.5A to PSMA78A
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C unless otherwise specified.
Per type
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
IF = 0.5 A
−
1.2
V
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C
DEVICE
(note 1)
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
REVERSE
VOLTAGE
(max)
@IRSM
(CLAMPING
VOLTAGE)
REVERSE
SURGE
CURRENT
(max)
REVERSE
LEAKAGE
CURRENT
(max)
@VRWM
VRWM
(V)
VBR
min.
(V)
IT
(mA)
VRSM
(V)
IRSM
(A)
IR
(
µA)
PSMA8.5A
8.5
9.44
1
14.4
27.8
5.0
PSMA9.0A
9.0
10.0
1
15.4
26.0
2.5
PSMA10A
10
11.1
1
17.0
23.5
2.5
PSMA11A
11
12.2
1
18.2
22.0
2.5
PSMA12A
12
13.3
1
19.9
20.1
2.5
PSMA13A
13
14.4
1
21.5
18.6
2.5
PSMA14A
14
15.6
1
23.2
17.2
2.5
PSMA15A
15
16.7
1
24.4
16.4
2.5
PSMA16A
16
17.8
1
26.0
15.4
2.5
PSMA17A
17
18.9
1
27.6
14.5
2.5
PSMA18A
18
20.0
1
29.2
13.7
2.5
PSMA20A
20
22.2
1
32.4
12.3
2.5
PSMA22A
22
24.4
1
35.5
11.3
2.5
PSMA24A
24
26.7
1
38.9
10.3
2.5
PSMA26A
26
28.9
1
42.1
9.5
2.5
PSMA28A
28
31.1
1
45.4
8.8
2.5
PSMA30A
30
33.3
1
48.4
8.3
2.5
PSMA33A
33
36.7
1
53.3
7.5
2.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com