Electronic Components Datasheet Search
  English  ▼

X  

HMC442 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC442
Description  Point-to-Point and Point-to-Multi-Point Radios
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC442 Datasheet(HTML) 1 Page - Analog Devices

  HMC442 Datasheet HTML 1Page - Analog Devices HMC442 Datasheet HTML 2Page - Analog Devices HMC442 Datasheet HTML 3Page - Analog Devices HMC442 Datasheet HTML 4Page - Analog Devices HMC442 Datasheet HTML 5Page - Analog Devices HMC442 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC442
v04.0913
GaAs pHEMT MMIC MEDIUM
POWER AMPLIFIERS, 17.5 - 25.5 GHz
Functional Diagram
Features
Typical Applications
General Description
The HMC442 is an efficient GaAs PHEMT MMIC
Medium Power Amplifier which operates between
17.5 and 25.5 GHz. The HMC442 provides 15 dB of
gain, +23 dBm of saturated power and 25% PAE from
a +5V supply voltage. The amplifier chip can easily be
integrated into Multi-Chip-Modules (MCMs) due to its
small size. All data is tested with the chip in a 50 Ohm
test fixture connected via 0.025mm (1 mil) diameter
wire bonds of minimal length 0.31mm (12 mils).
Saturated Power: +23 dBm @ 25% PAE
Gain: 15 dB
Supply Voltage: +5V
50 Ohm Matched Input/Output
Die Size: 1.03 x 1.13 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd = 5V, Idd = 85mA*
The HMC442 is ideal for use as a medium power
amplifier for:
• Point-to-Point and Point-to-Multi-Point Radios
• VSAT
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
17.5 - 21.0
21.0 - 24.0
24.0 - 25.5
GHz
Gain
12
14.5
12
15
13.5
16
dB
Gain Variation Over Temperature
0.02
0.03
0.02
0.03
0.02
0.03
dB/ °C
Input Return Loss
15
13
10
dB
Output Return Loss
10
10
10
dB
Output Power for 1 dB Compression (P1dB)
18
21
18.5
21.5
19
22
dBm
Saturated Output Power (Psat)
20
23
20
23
20
23.5
dBm
Output Third Order Intercept (IP3)
29
28
27
dBm
Noise Figure
6.5
5.5
6
dB
Supply Current (Idd)(Vdd = 5V, Vgg = -1V Typ.)
85
110
85
110
85
110
mA
* Adjust Vgg between -1.5 to -0.5V to achieve Idd = 85mA typical.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC442

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC442 HITTITE-HMC442 Datasheet
233Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442 HITTITE-HMC442 Datasheet
241Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442 HITTITE-HMC442 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC442LC3B HITTITE-HMC442LC3B Datasheet
336Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
More results

Similar Description - HMC442

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC260 MICROSS-HMC260 Datasheet
872Kb / 9P
Point-to-Multi-Point Radios
HMC365 MICROSS-HMC365 Datasheet
839Kb / 9P
Piont-to-Point and Point-to-Multi-Point Radios
HMC486 MICROSS-HMC486 Datasheet
910Kb / 11P
Point-to-Multi-Point Radios
HMC490 MICROSS-HMC490 Datasheet
959Kb / 11P
Point-to-Multi-Point Radios
HMC498 MICROSS-HMC498 Datasheet
963Kb / 9P
Point-to-Multi-Point Radios
HMC499 MICROSS-HMC499 Datasheet
909Kb / 9P
Point-to-Multi-Point Radios
HMC590 MICROSS-HMC590 Datasheet
935Kb / 11P
Point-to-Multi-Point Radios
HMC591 MICROSS-HMC591 Datasheet
944Kb / 11P
Point-to-Multi-Point Radios
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC441LM1 AD-HMC441LM1 Datasheet
397Kb / 8P
Point-to-Multi-Point Radios
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com