Electronic Components Datasheet Search
  English  ▼

X  

AD8220 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8220
Description  Low Cost Low Power Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8220 Datasheet HTML 13Page - Analog Devices AD8220 Datasheet HTML 14Page - Analog Devices AD8220 Datasheet HTML 15Page - Analog Devices AD8220 Datasheet HTML 16Page - Analog Devices AD8220 Datasheet HTML 17Page - Analog Devices AD8220 Datasheet HTML 18Page - Analog Devices AD8220 Datasheet HTML 19Page - Analog Devices AD8220 Datasheet HTML 20Page - Analog Devices AD8220 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AD620
Rev. H | Page 20 of 20
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD620AN
−40°C to +85°C
8-Lead PDIP
N-8
AD620ANZ
−40°C to +85°C
8-Lead PDIP
N-8
AD620BN
−40°C to +85°C
8-Lead PDIP
N-8
AD620BNZ
−40°C to +85°C
8-Lead PDIP
N-8
AD620AR
−40°C to +85°C
8-Lead SOIC_N
R-8
AD620ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
AD620AR-REEL
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD620ARZ-REEL
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD620AR-REEL7
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD620ARZ-REEL7
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD620BR
−40°C to +85°C
8-Lead SOIC_N
R-8
AD620BRZ
−40°C to +85°C
8-Lead SOIC_N
R-8
AD620BR-REEL
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD620BRZ-RL
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD620BR-REEL7
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD620BRZ-R7
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD620ACHIPS
−40°C to +85°C
Die Form
AD620SQ/883B
−55°C to +125°C
8-Lead CERDIP
Q-8
1 Z = RoHS Compliant Part.
© 2003–2011 Analog Devices, Inc. All rights reserved. Trademarks
and registered trademarks are the property of their respective owners.
C00775–0–7/11(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com