Electronic Components Datasheet Search
  English  ▼

X  

HMC490 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC490
Description  Point-to-Point Radios
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490 Datasheet(HTML) 1 Page - Analog Devices

  HMC490 Datasheet HTML 1Page - Analog Devices HMC490 Datasheet HTML 2Page - Analog Devices HMC490 Datasheet HTML 3Page - Analog Devices HMC490 Datasheet HTML 4Page - Analog Devices HMC490 Datasheet HTML 5Page - Analog Devices HMC490 Datasheet HTML 6Page - Analog Devices HMC490 Datasheet HTML 7Page - Analog Devices HMC490 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC490
v03.0213
GaAs pHEMT MMIC LOW NOISE
HIGH IP3 AMPLIFIER, 12 - 17 GHz
General Description
Features
Functional Diagram
The HMC490 is a high dynamic range GaAs
PHEMT MMIC Low Noise Amplifier which operates
between 12 and 17 GHz. The HMC490 provides
27 dB of gain, 2 dB noise figure and an output IP3
of 35 dBm from a +5V supply voltage. The amplifier
chip can easily be integrated into Multi-Chip-Modules
(MCMs) due to its small size. All data is tested with
the chip in a 50 Ohm test fixture connected via
0.025mm (1 mil) diameter wire bonds of minimal length
0.31mm (12 mils).
Noise Figure: 2 dB
Output P1dB: +26 dBm
Gain: 27 dB
Output IP3: +35 dBm
Supply Voltage: +5V
50 Ohm Matched Input/Output
Die Size: 2.78 x 1.46 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd = 5V, Idd = 200 mA*
Typical Applications
The HMC490 is ideal for use as either a LNA or driver
amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT
• Military & Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
12 - 14
14 - 17
GHz
Gain
24
26.5
24
27
dB
Gain Variation Over Temperature
0.03
0.04
0.03
0.04
dB/ °C
Noise Figure
2.5
2.0
dB
Input Return Loss
8
12
dB
Output Return Loss
8
9
dB
Output Power for 1 dB Compression (P1dB)
22
25
23
26
dBm
Saturated Output Power (Psat)
27
28
dBm
Output Third Order Intercept (IP3)
32
35
dBm
Supply Current (Idd)(Vdd = 5V, Vgg = -0.8V Typ.)
200
250
200
250
mA
* Adjust Vgg between -2.0 to 0V to achieve Idd = 200 mA typical.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC490

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC490 HITTITE-HMC490 Datasheet
217Kb / 8P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC490 HITTITE-HMC490 Datasheet
265Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC490 HITTITE-HMC490 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Micross Components
HMC490 MICROSS-HMC490 Datasheet
959Kb / 11P
Point-to-Multi-Point Radios
logo
Analog Devices
HMC490 AD-HMC490 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results

Similar Description - HMC490

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC383 MICROSS-HMC383 Datasheet
907Kb / 9P
Point-to-Point Radios
HMC392 MICROSS-HMC392 Datasheet
836Kb / 9P
Point-to-Point Radios
HMC451 MICROSS-HMC451 Datasheet
955Kb / 9P
Point-to-Point Radios
HMC516 MICROSS-HMC516 Datasheet
902Kb / 9P
Point-to-Point Radios
HMC519 MICROSS-HMC519 Datasheet
908Kb / 9P
Point-to-Point Radios
logo
Analog Devices
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
Point-to-Point Radios
HMC7229CHIPS AD-HMC7229CHIPS Datasheet
275Kb / 16P
Point to point radios
Rev. 0
HMC-ALH482 AD-HMC-ALH482 Datasheet
285Kb / 6P
Point-to-Point Radios
HMC753 AD-HMC753 Datasheet
429Kb / 14P
Point to point radios
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com