Electronic Components Datasheet Search
  English  ▼

X  

AD8138ARM Datasheet(PDF) 13 Page - Analog Devices

Part # AD8138ARM
Description  Low Distortion, Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARM Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8138ARM Datasheet HTML 9Page - Analog Devices AD8138ARM Datasheet HTML 10Page - Analog Devices AD8138ARM Datasheet HTML 11Page - Analog Devices AD8138ARM Datasheet HTML 12Page - Analog Devices AD8138ARM Datasheet HTML 13Page - Analog Devices AD8138ARM Datasheet HTML 14Page - Analog Devices AD8138ARM Datasheet HTML 15Page - Analog Devices AD8138ARM Datasheet HTML 16Page - Analog Devices AD8138ARM Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD8138
Data Sheet
Rev. G | Page 12 of 24
VOUT, dm =2V p-p
CF =0pF
VS =±5V
VS =+5V
5ns
400mV
Figure 23. Large Signal Transient Response
VOUT, dm =2Vp-p
VS =±5V
CF =0pF
CF =1pF
5ns
400mV
Figure 24. Large Signal Transient Response
4ns
1V
V+DIN
VOUT, dm
200µV
VS =±5V
CF =1pF
Figure 25. Settling Time
30ns
4V
VOUT, dm
V+DIN
VS =±5V
F= 20MHz
V+DIN =8Vp-p
G= 3 (RF = 1500)
Figure 26. Output Overdrive
VS =±5V
CF =0pF
CL = 20pF
CL =5pF
2.5ns
400mV
CL =10pF
Figure 27. Large Signal Transient Response for Various Cap Loads (See Figure 40)
FREQUENCY (MHz)
–20
–30
–40
–50
–60
–70
–80
VS =±5V
∆VOUT, dm/∆VIN, cm
1
10
100
1k
Figure 28. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com