Electronic Components Datasheet Search
  English  ▼

X  

AD8223ARM Datasheet(PDF) 13 Page - Analog Devices

Part # AD8223ARM
Description  Single-Supply, Low Cost Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223ARM Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8223ARM Datasheet HTML 9Page - Analog Devices AD8223ARM Datasheet HTML 10Page - Analog Devices AD8223ARM Datasheet HTML 11Page - Analog Devices AD8223ARM Datasheet HTML 12Page - Analog Devices AD8223ARM Datasheet HTML 13Page - Analog Devices AD8223ARM Datasheet HTML 14Page - Analog Devices AD8223ARM Datasheet HTML 15Page - Analog Devices AD8223ARM Datasheet HTML 16Page - Analog Devices AD8223ARM Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD8223
Rev. 0 | Page 12 of 20
15
–15
–15
15
MAXIMUM OUTPUT VOLTAGE (V)
10
5
0
–5
–10
–10
–5
0
5
10
Figure 21. Common-Mode Input vs. Maximum Output Voltage,
G = 100, ±VS = ±12 V
140
0
1
100k
FREQUENCY (Hz)
10
100
1k
10k
120
100
80
60
40
20
G = 1000
G = 10
G = 5
G = 100
Figure 22. Positive PSRR vs. Frequency, ±VS = ±12 V
140
0
1
100k
FREQUENCY (Hz)
10
100
1k
10k
120
100
80
60
40
20
G = 1000
G = 5
G = 100
G = 10
Figure 23. Positive PSRR vs. Frequency, +VS = +5 V
120
0
1
100k
FREQUENCY (Hz)
10
100
1k
10k
G = 1000
G = 10
100
80
60
40
20
G = 100
G = 5
Figure 24. Negative PSRR vs. Frequency, ±VS = ±12 V
100µs/DIV
0.1%/DIV
5V/DIV
Figure 25. Large Signal Response, G = 5
100µs/DIV
0.1%/DIV
5V/DIV
Figure 26. Large Signal Pulse Response, G = 100, CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com