Electronic Components Datasheet Search
  English  ▼

X  

AD8138ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8138ARMZ
Description  Low Distortion, Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8138ARMZ Datasheet HTML 12Page - Analog Devices AD8138ARMZ Datasheet HTML 13Page - Analog Devices AD8138ARMZ Datasheet HTML 14Page - Analog Devices AD8138ARMZ Datasheet HTML 15Page - Analog Devices AD8138ARMZ Datasheet HTML 16Page - Analog Devices AD8138ARMZ Datasheet HTML 17Page - Analog Devices AD8138ARMZ Datasheet HTML 18Page - Analog Devices AD8138ARMZ Datasheet HTML 19Page - Analog Devices AD8138ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
AD8138
Rev. G | Page 15 of 24
TEST CIRCUITS
AD8138
24.9
Ω
49.9
Ω
RF = 499Ω
RF = 499Ω
RL, dm = 499Ω
RG = 499Ω
RG = 499Ω
Figure 39. Basic Test Circuit
CL
499
Ω
49.9
Ω
24.9
Ω
453
Ω
AD8138
24.9
Ω
24.9
Ω
499
Ω
499
Ω
499
Ω
Figure 40. Test Circuit for Cap Load Drive
499
Ω
49.9
Ω
24.9
Ω
AD8138
249
Ω
249
Ω
499
Ω
499
Ω
499
Ω
Figure 41. Test Circuit for Output Balance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com