Electronic Components Datasheet Search
  English  ▼

X  

AD8236ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8236ARMZ
Description  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8236ARMZ Datasheet HTML 1Page - Analog Devices AD8236ARMZ Datasheet HTML 2Page - Analog Devices AD8236ARMZ Datasheet HTML 3Page - Analog Devices AD8236ARMZ Datasheet HTML 4Page - Analog Devices AD8236ARMZ Datasheet HTML 5Page - Analog Devices AD8236ARMZ Datasheet HTML 6Page - Analog Devices AD8236ARMZ Datasheet HTML 7Page - Analog Devices AD8236ARMZ Datasheet HTML 8Page - Analog Devices AD8236ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD8236
Rev. 0 | Page 4 of 20
Parameter
Test Conditions
Min
Typ
Max
Unit
GAIN
Gain Range
G = 5 + 420 kΩ/RG
5
2001
V/V
Gain Error
VS = ±2.5 V, VREF = 0 V, VOUT = −2 V to +2 V
G = 5
0.005
0.05
%
G = 10
0.03
0.2
%
G = 100
0.06
0.2
%
G = 200
0.15
0.3
%
Nonlinearity
RL = 10 kΩ or 100 kΩ
G = 5
2
10
ppm
G = 10
1.2
10
ppm
G = 100
0.5
10
ppm
G = 200
0.5
10
ppm
Gain vs. Temperature
−40°C to +125°C
G = 5
0.25
1
ppm/°C
G > 10
−50
ppm/°C
INPUT
Differential Impedance
440||1.6
GΩ||pF
Common-Mode Impedance
110||6.2
GΩ||pF
Input Voltage Range
−40°C to +125°C
0
+VS
V
OUTPUT
Output Voltage High, VOH
RL = 100 kΩ
4.98
4.99
V
−40°C to +125°C
4.98
V
RL = 10 kΩ
4.9
4.95
V
−40°C to +125°C
4.9
V
Output Voltage Low, VOL
RL = 100 kΩ
2
5
mV
−40°C to +125°C
5
mV
RL = 10 kΩ
10
25
mV
−40°C to +125°C
30
mV
Short-Circuit Limit, ISC
±55
mA
REFERENCE INPUT
RIN
−IN, +IN = 0 V
210
kΩ
IIN
20
nA
Voltage Range
−VS
+VS
V
Gain to Output
1
V/V
POWER SUPPLY
Operating Range
1.8
5.5
V
Quiescent Current
30
40
μA
Overtemperature
−40°C to +125°C
50
μA
TEMPERATURE RANGE
For Specified Performance
−40
+125
°C
1 Although the specifications of the AD8236 list only low to midrange gains, gains can be set beyond 200.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com