Electronic Components Datasheet Search
  English  ▼

X  

HMC651 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC651
Description  WIDEBAND FIXED ATTENUATOR FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC651 Datasheet(HTML) 2 Page - Analog Devices

  HMC651 Datasheet HTML 1Page - Analog Devices HMC651 Datasheet HTML 2Page - Analog Devices HMC651 Datasheet HTML 3Page - Analog Devices HMC651 Datasheet HTML 4Page - Analog Devices HMC651 Datasheet HTML 5Page - Analog Devices HMC651 Datasheet HTML 6Page - Analog Devices HMC651 Datasheet HTML 7Page - Analog Devices HMC651 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2 - 3
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Electrical Specifications, T
A = +25° C, 50 Ohm system
[1]
Part Number
Attenuator Value
Return Loss
Attenuation Tolerance
Return Loss
Attenuation Tolerance
Units
DC - 25
25 - 50
GHz
HMC650
Thru Line (short)
20.3
±0.2
12.4
±0.8
dB
HMC651
Thru Line (long)
19.0
±0.3
12.3
±0.9
dB
HMC652
2 dB
22.0
±0.2
15.3
±0.6
dB
HMC653
3 dB
23.0
±0.2
22.1
±0.5
dB
HMC654
4 dB
20.5
±0.2
22.4
±0.5
dB
HMC655
6 dB
16.5
±0.2
17.0
±0.6
dB
HMC656
10 dB
16.9
±0.1
18.8
±0.7
dB
HMC657
15 dB
20.0
±0.4
19.7
±1.3
dB
HMC658
20 dB
17.5
±0.5
16.2
±1.6
dB
Attenuation vs. Temperature
HMC652, HMC653, HMC654, HMC655
-10
-8
-6
-4
-2
0
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
HMC654
HMC652
HMC653
HMC655
HMC650 TO HMC658
v01.0308
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
HMC650 / 651 / 652 / 653 / 654 / 655 / 656 / 657 / 658
RF Data with Wire Bonds [1]
Return Loss
HMC652, HMC653, HMC654, HMC655
-30
-25
-20
-15
-10
-5
0
0
1020
3040
50
FREQUENCY (GHz)
HMC655
HMC654
HMC653
HMC652
Attenuation vs. Temperature
HMC656, HMC657, HMC658
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
HMC656
HMC657
HMC658
Return Loss
HMC656, HMC657, HMC658
-30
-25
-20
-15
-10
-5
0
0
1020
3040
50
FREQUENCY (GHz)
HMC656
HMC658
HMC657
[1] Data taken with die mounted to plate and RF probed through two 1 mil diameter wire bonds.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com