Electronic Components Datasheet Search
  English  ▼

X  

DS1631A Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1631A
Description  High-Precision Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1631A Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1631A Datasheet HTML 1Page - Dallas Semiconductor DS1631A Datasheet HTML 2Page - Dallas Semiconductor DS1631A Datasheet HTML 3Page - Dallas Semiconductor DS1631A Datasheet HTML 4Page - Dallas Semiconductor DS1631A Datasheet HTML 5Page - Dallas Semiconductor DS1631A Datasheet HTML 6Page - Dallas Semiconductor DS1631A Datasheet HTML 7Page - Dallas Semiconductor DS1631A Datasheet HTML 8Page - Dallas Semiconductor DS1631A Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS1631/DS1631A/DS1731
4 of 14
AC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V; TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP MAX UNITS NOTES
9-bit resolution
93.75
10-bit
resolution
187.5
11-bit
resolution
375
Temperature
Conversion Time
tTC
12-bit
resolution
750
ms
SCL Frequency
fSCL
0
400
kHz
Bus Free Time
Between a STOP and
START Condition
tBUF
1.3
µs
5
START and Repeated
START Hold Time
from Falling SCL
tHD:STA
0.6
µs
5, 6
Low Period of SCL
tLOW
1.3
µs
5
High Period of SCL
tHIGH
0.6
µs
5
Repeated START
Condition Setup Time
to Rising SCL
tSU:STA
0.6
µs
5
Data-Out Hold Time
from Falling SCL
tHD:DAT
0
0.9
µs
5
Data-In Setup Time to
Rising SCL
tSU:DAT
100
ns
5
Rise Time of SDA and
SCL
tR
20 + 0.1CB
1000
ns
5, 7
Fall Time of SDA and
SCL
tF
20 + 0.1CB
300
ns
5, 7
STOP Setup Time to
Rising SCL
tSU:STO
0.6
µs
5
Capacitive Load for
Each Bus Line
CB
400
pF
I/O Capacitance
CI/O
10
pF
Input Capacitance
CI
5pF
Spike Pulse Width that
can be Suppressed by
Input Filter
tSP
050
ns
NOTES:
1) All voltages are referenced to GND.
2) See Figure 2 for Typical Operating Curves.
3) Specified with TOUT pin open; A0, A1, A2 = 0V or VDD; and fSCL
³ 2Hz.
4) Specified with temperature conversions stopped; TOUT pin open; SDA = VDD; SCL = VDD; and A0, A1,
A2 = 0V or VDD.
5) See Timing Diagram in Figure 3. All timing is referenced to 0.9 x VDD and 0.1 x VDD.
6) After this period the first clock pulse is generated.
7) For example, if CB = 300pF, then tR[min] = tF[min] = 50ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com