Electronic Components Datasheet Search
  English  ▼

X  

309 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 309
Description  Measure Earth Resistance (20/200/2000廓 ranges)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

309 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  309 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B&K Precision Corporation
22820 Savi Ranch Parkway, Yorba Linda, CA 92887
Tel: 714-921-9095, Fax: 714-921-6422
www.bkprecision.com
Specifications subject to change without notice
Data Sheet
Model 309
Digital Earth Resistance Meter
Digital Earth Resistance Meter
Model 309
The model 309 Digital Earth Resistance Meter is a small, compact,
battery powered, professional meter. This easy-to-use meter is invaluable
to electricians and contractors who need to ensure the "ground" quality
and effectiveness of buildings, structures, equipment or electrical sys-
tems. A good earth ground is required for new buildings or structures
needing to pass required electrical codes. Older buildings can lose a
good, effective earth ground connection over time. This can happen
after a building or structure has been struck by lightning.
Features
■
Measure Earth Resistance (20/200/2000Ω ranges)
■
Measures Earth AC Voltage to 200VAC (40 to 500Hz)
■
Timed function test turns output off after a 3 to 5
minutes continuous test
■
2mA Measuring current measures resistance without
tripping circuit breakers
■
Data Hold
■
Small Light Weight
■
Auto Power Off
■
IEC 1010 CAT III 200V / CE
■
Included: Test Leads, Auxiliary Earth Spikes, Carrying
Case and Batteries


Similar Part No. - 309

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
309 ENERCON-309 Datasheet
936Kb / 2P
Military Grade Ethernet Switch On Board (ESoB)
Jan 25, 2020
logo
Marathon Special Produc...
309 MARATHON-309 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
Apex Electronics Co., L...
309-000X APEX-ELECTRONICS-309-000X Datasheet
175Kb / 3P
Slotted Bits
logo
Multicomp Pro
309-0010 MULTICOMP-309-0010 Datasheet
108Kb / 1P
Heat Sealer Spares
29/07/22 V1.0
logo
Apex Electronics Co., L...
309-00X APEX-ELECTRONICS-309-00X Datasheet
175Kb / 3P
Slotted Bits
More results

Similar Description - 309

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF20P10J SSDI-SFF20P10J Datasheet
67Kb / 2P
20 AMP /100 Volts 200 m廓 P-Channel MOSFET
logo
Extech Instruments Corp...
382152 EXTECH-382152 Datasheet
253Kb / 1P
Earth Ground Resistance Tester Kit
logo
National Instruments Co...
NIPXI-4130 NI-NIPXI-4130 Datasheet
243Kb / 6P
20 V, 2 A Source Measure Unit
logo
E-SWITCH
K200204 E-SWITCH-K200204 Datasheet
54Kb / 1P
Insulation Resistance : 200 Mega-OHMS
logo
Extech Instruments Corp...
382252 EXTECH-382252 Datasheet
260Kb / 1P
Earth Ground Resistance Tester Kit
GRT300 EXTECH-GRT300 Datasheet
261Kb / 1P
4-Wire Earth Ground Resistance Tester Kit
logo
Ohmite Mfg. Co.
RES-MINIMOX-200-300 OHMITE-RES-MINIMOX-200-300 Datasheet
334Kb / 2P
Wide resistance ranges
RES-POWERMOX OHMITE-RES-POWERMOX Datasheet
301Kb / 2P
Wide resistance ranges
logo
Adels-Contact
1282G3B ADELS-1282G3B Datasheet
119Kb / 2P
2000/ 3 GW printed "L1 Earth N"||" "1202628
2000/ 5 GW
logo
Marathon Special Produc...
6L2000A1B MARATHON-6L2000A1B Datasheet
297Kb / 3P
200 to 2000 Amps
10/05/23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com