Electronic Components Datasheet Search
  English  ▼

X  

393 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 393
Description  Resistance measurement
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

393 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  393 Datasheet HTML 1Page - List of Unclassifed Manufacturers 393 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High performance and value priced, the Test Bench
® Series offers more features for the dollar than other multimeters. In addition to measuring voltage and current,
the meters also measure capacitance, frequency and temperature, and include component test, diode test and logic indicator capabilities. See the chart below for
the meter that best fits your needs. A double injection molded case provides improved grip and protection for the meters.
Features and Benefits
I
Resistance measurement
I
Frequency measurement
I
Diode check
I
Audible continuity
I
All current ranges fused
I
Auto power off
I
Ruggedized case
I
CATIII 1000 V, (all models)
I
CATIV 600 V, (392 & 393)
Handheld Digital Multimeters
Test Bench® Series
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2014
High Quality, Ruggedized, Multifunctional
Features
392 & 393
391A
390A
389A
388B
True RMS
√
√
-
-
-
Ranging
Auto/Manual
Manual
Auto/Manual
Auto/Manual
Manual
DCV Accuracy
0.08%
0.05%
0.1%
0.25%
0.5%
AC/DC Voltage and Current
√
√
√
√
√
Display Digits, Count
60000, 4 5/6
20000, 4 1/2
4000, 3 3/4
4000, 3 3/4
4000, 3 3/4
Bar Graph
√
-
√
√
-
Capacitance Measurement
√
-
√
√
√
Transistor Test
-
-
-
-
√
Temperature Probe
√
-
√
-
-
Logic Probe
-
√
-
-
√
Relative Mode
√
-
√
√
-
Min/Max Hold
√
-
√
√
-
Peak Hold
√
-
√
√
-
Data Hold
√
√
√
√
-
USB
393 only
-
√
-
-
Specifications
392 & 393
391A
390A
389A
388B
Volts
True RMS reading
True RMS reading
-
-
-
DC Ranges
600 mV, 6 V, 60V, 600 V, 1000 V
200 mV, 2 V, 20 V, 200 V, 1,000 V
400 mv, 4 V, 40 V, 400 V, 1000 V
AC Ranges
600 mV, 6 V, 60V, 600 V, 750 V
200 mV, 2 V, 20 V, 200 V, 750 V
400 mv, 4 V, 40 V, 400 V, 750 V
Resolution
0.01 mV, 0.1 mV, 1 mV, 10 mV, 100 mV
10 µV, 100 mV, 1 mV 10 mV, 100 mV
100 µV, 1 mV, 10 mV, 100 mV, 1 V
Basic DC Accuracy
±(0.08% rdg + 5 dgt)
±(0.05% + 3 dgt)
±(0.1% rdg + 2 dgt)
±(0.25% rdg + 2 dgt)
±(0.5% rdg + 1 dgt)
Basic AC Accuracy
±(1.5% rdg + 20 dgt) 500 Hz -1 kHz
±(2% + 10 dgt) 500 Hz - 2 kHz
±(1.5% rdg +5 dgt) 500 Hz - 1 kHz
±(1.5% rdg +3 dgt) 500 Hz - 1 kHz
Overload Protection
1000 VDC or 750 VAC rms
1200 VDC or AC rms
500 VDC/AC rms 15 sec
on 200 mV range
1100 VDC or AC rms
1000 VDC or peak AC
1200 VDC or AC rms
500 VDC/AC rms 15 sec
on 200 mV range
Input Impedance
10 M
Ω, 11 MΩ on 6 V range
10 M
Ω
400 mV: >100 M
Ω, 4V: 10 MΩ
40 V - 1000 V: 9.1 M
Ω
10 M
Ω


Similar Part No. - 393

ManufacturerPart #DatasheetDescription
logo
Energizer
393 ENERGIZER-393 Datasheet
332Kb / 1P
Silver Oxide Batteries
logo
B&K Precision Corporati...
393 BK-393 Datasheet
1Mb / 2P
Handheld Digital Multimeters
logo
List of Unclassifed Man...
393 ETC-393 Datasheet
18Kb / 1P
EXALITE 392E
logo
Everlight Electronics C...
393-2SURD EVERLIGHT-393-2SURD Datasheet
96Kb / 6P
7.9mm Round Type LED Lamps
393-2SURD-S530-A3 EVERLIGHT-393-2SURD-S530-A3 Datasheet
90Kb / 6P
7.9mm Round Type LED Lamps
More results

Similar Description - 393

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3979 HAMAMATSU-S3979 Datasheet
332Kb / 4P
One-dimensional PSD 3 to 37 mm resistance length PSD for precision distance measurement
S3931 HAMAMATSU-S3931_15 Datasheet
132Kb / 4P
6 to 37 mm resistance length PSD for precision distance measurement
logo
STMicroelectronics
L9634 STMICROELECTRONICS-L9634 Datasheet
997Kb / 36P
SQUIB RESISTANCE MEASUREMENT
Oct-2004
logo
PHOENIX CONTACT
2750950 PHOENIX-2750950 Datasheet
66Kb / 4P
INTERBUS ST analog input modules for temperature and resistance measurement
logo
WAGO Kontakttechnik Gmb...
750-464-040-000 WAGO-750-464-040-000 Datasheet
590Kb / 12P
2/4-channel analog input; Resistance measurement; Adjustable; Extreme
750-451 WAGO-750-451 Datasheet
538Kb / 12P
8-channel analog input; Resistance measurement; Adjustable
750-461-000-007 WAGO-750-461-000-007 Datasheet
468Kb / 11P
2-channel analog input; Resistance measurement: 10 ??5000 Ohm
750-461-000-002 WAGO-750-461-000-002 Datasheet
464Kb / 11P
2-channel analog input; Resistance measurement: 10 ??1200 Ohm
750-451-025-000 WAGO-750-451-025-000 Datasheet
421Kb / 9P
8-channel analog input; Resistance measurement; Adjustable; Ext.
logo
Omron Electronics LLC
ES1C OMRON-ES1C Datasheet
852Kb / 8P
Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com