Electronic Components Datasheet Search
  English  ▼

X  

600B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 600B
Description  Measure remaining battery storage capacity in just seconds
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

600B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  600B Datasheet HTML 1Page - List of Unclassifed Manufacturers 600B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
v092315
2
www.bkprecision.com
Handheld Battery Capacity Analyzers
Models 600B and 601B
Kelvin clamps
Front panel
Specifications
Display
Model
600B
601B
Supported SLA battery voltages
12 V
6 V & 12 V
Ah range
7, 12, 24, 42, 65, & 100
5 - 100 in 1 Ah steps
No load (open circuit) voltage accuracy
±2 counts
±(0.2% + 1 count)
Dimensions (W x H x D)
2.91” x 10.44” x 2.18” (74 x 265.1 x 54 mm)
2.91” x 10.44” x 2.28” (74 x 265.1 x 58 mm)
Weight
2.65 lbs (1.2 kg.)
One-Year Warranty
Included accessories
User manual
Rubber keypad
Reverse polarity LED
Strain reliefs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com