Electronic Components Datasheet Search
  English  ▼

X  

635 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 635
Description  COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

635 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  635 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
86
Model 630
K-type Thermocouple Compact
Digital Thermometer
The 630 is a portable 3 1/2 digit, compact-sized dual input dig-
ital thermometer designed to use external K-type thermocouples
as temperature sensors. This unit can display the temperature
difference between it two inputs.
■ Backlight
■ Display Hold
■ Max. Hold
Model 635
Compact Digital Infrared Thermometer
The 635 is a portable easy to use 3 digit, compact sized
infrared digital thermometer with laser pointer, designed for sim-
ple one hand operation. Meter comes with Backlit LCD display,
Auto-hold function and auto power down (20 seconds approx.)
after releasing MEAS button to extend battery life.
■Laser pointer
■ Reading Hold
■ Adjustable Emissivity
Model 625
Compact Digital Thermo-Hygro Meter
The 625 is a portable 3 1/2 digit, compact-sized digital
Thermo-Hygrometer designed for simplicity and one hand opera-
tion. It can measure and display an environment temperature and
humidity in a fraction of a second.
■ Backlight
■ Display Hold
■ Max. Hold
Measurement Range
-58˚ to 2000˚F (-50 to 1300˚C)
Resolution
1˚F/˚C, 0.1˚F/˚C
Basic Accuracy
+(0.3% rdg + 1˚)
Sensor Type
K-type thermocouple
Sample Rate
2.5 times per second
Operating Temp. & Humidity
32˚ to 104˚F (0˚ to 40˚C), at < 70% RH
Storage Temp. & Humidity
-4˚ to 140˚F (-20˚ to 60˚C), 0 to 80% RH with battery removed
Power Supply
9V battery
Battery Life
> 200 hours typical
Dimensions (HxWxD)
6.1 x 2.6 x 1.4" (156 x 65.5 x 35mm)
Weight
7.05 oz. (200g)
Measurement
Range -4˚ to 1022˚F (-20˚ to 550˚C)
Resolution
1˚C/F
Accuracy
+2% of reading or +6˚F (3˚C), whichever is greater
Spectral Response
6 to 14µm
Emissivity
0.10 to 1.00 by steps of 0.01
Field of View
2.5" Ø at 39" (65mmØ at 1000mm)
Sample Rate
1 time per second
Operating Temp. & Humidity
32˚ to 122˚F (0˚ to 50˚C), at < 70% RH
Storage Temp. & Humidity
-4˚ to 140˚F (-20˚ to 60˚C), 0 to 80% RH with battery removed
Power Supply
9V battery
Battery Life
> 200 hours typical
Dimensions (HxWxD)
6.7 x 2.6 x 1.4" (170 x 65.5 x 35mm)
Weight
6.7 oz. (190g)
Measurement Range
Temperature: 32˚ to 140˚F (0˚ to 60˚C)
Humidity
0% to 100% RH.
Resolution
Temperature: 0.1˚F/C
Humidity: 0.1% RH
Basic Accuracy
Temperature: +1˚F/C
Humidity: +2.5% RH
Sensor Type
Temperature: Thermistor Humidity: Electronic capacitance
polymer film sensor
Sample Rate
2.5 times per second
Operating Temp. & Humidity
32˚ to 131˚F (0˚ to 55˚C), at < 75% RH
Storage Temp. & Humidity
-68˚ to 131˚F (-20˚ to 55˚C), 0 to 80% RH with battery removed
Power Supply
9V battery
Battery Life
> 200 hours typical
Dimensions (HxWxD)
7 x 2.6 x 1.4" (178 x 65.5 x 35mm)
Weight
6.0 oz. (170g)
Specifications
model
630
Specifications
model
635
Specifications
model
625
One Year Warranty
One Year Warranty
One Year Warranty
625
635
630


Similar Part No. - 635

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
LVPECL or LVDS CLOCK OSCILLATOR
logo
Oscilent Corporation
635 OSCILENT-635 Datasheet
141Kb / 2P
Low Frequencies
logo
Adafruit Industries
635 ADAFRUIT-635 Datasheet
571Kb / 2P
Electroluminescent (EL) Tape/Strip Starter Pack - 100cm - White
7/27/2015
logo
Keystone Electronics Co...
635 KEYSTONE-635 Datasheet
397Kb / 1P
9 VOLT BATTERY CONTACTS
31-07 20th
logo
Hengstler GmbH
635 HENGSTLER-635 Datasheet
187Kb / 7P
Totalizing Counters „mini-i“
More results

Similar Description - 635

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP03 AD-TMP03 Datasheet
375Kb / 16P
Serial Digital Output Thermometers
REV.0
logo
Extech Instruments Corp...
451104 EXTECH-451104 Datasheet
130Kb / 7P
Digital Vane Thermo-Anemometer
logo
Analog Devices
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03FSZ AD-TMP03FSZ Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
logo
List of Unclassifed Man...
TH-2A ETC2-TH-2A Datasheet
529Kb / 1P
Digital Thermo Hygrometer
logo
Analog Devices
TMP03 AD-TMP03_15 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP04 AD-TMP04_15 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
logo
List of Unclassifed Man...
715 ETC2-715 Datasheet
100Kb / 1P
DUAL INPUT DIGITAL THERMOMETERS
logo
Analog Devices
TMP03 AD-TMP03_16 Datasheet
315Kb / 17P
Serial Digital Output Thermometers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com