Electronic Components Datasheet Search
  English  ▼

X  

636 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 636
Description  Bright back lit LCD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

636 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  636 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B&K Precision Corporation
22820 Savi Ranch Parkway, Yorba Linda, CA 92887
Tel: 714-921-9095, Fax: 714-921-6422
www.bkprecision.com
Specifications subject to change without notice
Data Sheet
Model 636
Non-Contact Infrared Thermometer
with Laser Pointer
The 636 is a portable easy to use 3 1/2 digit, compact sized infrared digital thermometer with
laser pointer, designed for simple one hand operation. The meter comes with a Back lit LCD
display. Auto hold function and auto power down (10 seconds approx.) after releasing the
Trigger to extend battery life.
- Bright back lit LCD
- Laser pointer
- Reading hold
- Adjustable emissivity
- Wide temperature range of -22 to 1022 degrees Fahrenheit
Measurement Range
-22°F to 1022°F / -30°Cto 550°C
Resolution
1°F, 0.5/1°C
Accuracy
±(4°F/2°C) for -22°F to 212°F, -30°C to 100°C
±(2% of reading) for 213°F to 1022°F, 101°C to 550°C"
Response Time
0.25 second (approx.)
Spectral Response
6 to 14µm nominal
Emissivity
0.1 to 1.0
Field of View
100Ømm at 1000Ømm
Detection Element
Thermopile
Operating Temp. & R.H.
32°F to 122°F (0°C to 50°C) at <70% R.H.
Storage Temp. & R.H.
-4°F to 140°F (-20°C to 60°C) at <80% R.H. (with battery removed)
Power Supply
Standard 9V battery (NEDA 1604, IEC 6F22 006P)
Battery Life
9 Hours (continuous) typical
Dimensions (HxWxD)
5.8 x 4.1 x 1.65" (148 x 105 x 42mm)
Weight
157g including battery (approx.)
Specifications
model
636
Model 636
Non-Contact Infrared Thermometer
with Laser Pointer


Similar Part No. - 636

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
CMOS/TTL CLOCK OSCILLATOR
logo
Mallory performance clu...
636 MALLORY-636 Datasheet
156Kb / 1P
4-Stage RPM Activated Switch
logo
Oscilent Corporation
636 OSCILENT-636 Datasheet
141Kb / 2P
Low Frequencies
logo
Adafruit Industries
636 ADAFRUIT-636 Datasheet
84Kb / 2P
USB Microscope - 5MP interpolated 220x magnification / 8 LEDs
5-5-17
logo
CTS Corporation
636 CTS-636 Datasheet
178Kb / 3P
HCMOS/TTL Clock Oscillator
Rev. I
More results

Similar Description - 636

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62295GP MITSUBISHI-M62295GP Datasheet
57Kb / 7P
LCD BACK-LIGHT CONTROL IC
logo
List of Unclassifed Man...
S-00808G ETC1-S-00808G Datasheet
101Kb / 1P
LCD BACK LIGHT, TAB TYPE
S-00201G ETC1-S-00201G Datasheet
105Kb / 1P
LCD BACK LIGHT, COG TYPE
logo
Renesas Technology Corp
M62295GP RENESAS-M62295GP Datasheet
169Kb / 11P
LCD Back-light Control IC
logo
Gamewell-FCI by Honeywe...
M08 GAMEWELL-FCI-M08 Datasheet
89Kb / 1P
Mini-Annunciators Back-Lit
logo
LUMEX INC.
SSB-DL10033GG LUMEX-SSB-DL10033GG Datasheet
49Kb / 1P
100mm x 33mm EDGE LIT LCD BACKLIGHT, GREEN
logo
P-tec Corporation
PT322457A-TLMWD-EM04 P-TEC-PT322457A-TLMWD-EM04 Datasheet
1Mb / 25P
5.7 TFT LCD, Medium Bright
PT482743A-TLMWD-EM10 P-TEC-PT482743A-TLMWD-EM10 Datasheet
2Mb / 29P
4.3 TFT LCD, Medium Bright
PT644857F-TLMWD-EM04 P-TEC-PT644857F-TLMWD-EM04 Datasheet
1Mb / 29P
5.7 TFT LCD, Medium Bright
logo
LG Semicon Co.,Ltd.
19MB35PM-B LG-19MB35PM-B Datasheet
673Kb / 2P
5:4 IPS Monitor LED Back-lit
March 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com