Electronic Components Datasheet Search
  English  ▼

X  

710 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 710
Description  DUAL INPUT DIGITAL THERMOMETERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

710 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  710 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
84
715
710
Measurement Range
-328˚~2,498˚F (-200˚~1,370˚C)
Resolution
0.1˚F (0.1˚C)
Accuracy
±0.2%rdg+2˚F (±0.2%rdg+1˚C)
Sensor Type
K-type thermocouple
Input Protection
60V DC or 24V rms AC Maximum
Sample Rate
1 time per second
Record (Datalogging)
16,000 Points
Does not apply
Datalogging Interval
00m:01s to 59m:59s
Does not apply
Operating Temp. & Humidity
32˚~122˚F (0˚~50˚C) & 10~80% RH
Storage Temp
-4˚~140˚F (-20˚~60˚C)
Power Supply
9V NEDA 1604 Battery (Optional Adapter BE-9)
Battery Life
Approximately 100 hrs (Alkaline)
Dimensions (LxWxH)
7.24 x 2.52 x 1.18" (184 x 64 x 30mm)
Weight
11.3 oz. (320g)
1.66 lbs. (760g)
Temperature Meters
Two fully functional, highly accurate meters offer dual K-type thermocouple
inputs, RS-232 output port, and large LCD displays. Model 715 datalog-
ging meter provides a triple LCD display that shows T1, T2 and T1-T2
simultaneously. The unit can log up to 16,000 datapoints with an
adjustable interval. Model 710 offer a dual display where T1 and T2 can
be switched between the large and small digits. While T1 - T2 is displayed
on the large digits, T1 and T2 alternate on the small digits. With the
optional ThermoLink software and RS-232 cable (AK-710), even Model
710 becomes a real-time datalogging meter when attached to a PC.
Both units offer:
Model 715
Datalogging Temperature Meter
Model 710
Temperature Meter
715
710
Model 710 Dual-Display
SUPPLIED: Instruction manual, Battery, 2 Bead Probes and Large carry case, Battery,
2 Bead Probes and Small carry pouch.
OPTIONAL: BE-9 AC Adapter, AK-710 Thermolink Software w/RS-232 Cable (Model 710)
See page 87 for K-type Thermocouple Probes
■ Max/Min
■ Data Hold
■ ˚C/˚F readings
■ Auto Power Off
■ RS-232 output ports
■ Triple display
■ Datalogging RS-232 port
w/ cable and software
■ Dual display
■ RS-232 port
■
∆Rel Function
■ Avg/Max/Min readings
■ T1,T2 & T1-T2 select
■ AC adapter port
Specifications
models
Accessories
715
710
One Year Warranty
■ Time reading
■ AC adapter port


Similar Part No. - 710

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
710 MACOM-710 Datasheet
83Kb / 1P
WILMAR??Protective Relays - 700 Series
logo
List of Unclassifed Man...
710 ETC2-710 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
710 ETC2-710 Datasheet
346Kb / 1P
Dura Torsion Insert and Power Bits
logo
AUER Signal GmbH
710 100 004 AUERSIGNAL-710 100 004 Datasheet
167Kb / 2P
KLH Mini horn
710 100 005 AUERSIGNAL-710 100 005 Datasheet
167Kb / 2P
KLH Mini horn
More results

Similar Description - 710

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP03 AD-TMP03 Datasheet
375Kb / 16P
Serial Digital Output Thermometers
REV.0
logo
Extech Instruments Corp...
4465CF EXTECH-4465CF Datasheet
232Kb / 8P
Hygro-Thermometers
logo
Analog Devices
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03FSZ AD-TMP03FSZ Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03 AD-TMP03_15 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP04 AD-TMP04_15 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
logo
List of Unclassifed Man...
625 ETC2-625 Datasheet
87Kb / 1P
COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
logo
Analog Devices
TMP03 AD-TMP03_16 Datasheet
315Kb / 17P
Serial Digital Output Thermometers
logo
Maxim Integrated Produc...
MAX31722 MAXIM-MAX31722_V01 Datasheet
536Kb / 15P
Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com