Electronic Components Datasheet Search
  English  ▼

X  

830C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 830C
Description  11,000-count resolution on primary display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

830C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  830C Datasheet HTML 1Page - List of Unclassifed Manufacturers 830C Datasheet HTML 2Page - List of Unclassifed Manufacturers 830C Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
11,000-Count Dual-Display Handheld Capacitance Meters
830C and 890C
Features & Benefits
Data Sheet
w w w.bk prec ision.c om
Technical data subject to change
© B&K Precision Corp. 2011
B&K Precision’s 830C and 890C 11,000-count
handheld capacitance meters measure capaci-
tance up to 200 mF. Straightforward to operate,
these instruments can make measurements
quickly and simplify the capacitance sorting
process.
Unlike other handheld instruments such as LCR
meters that make measurements using an AC
signal with a specific test frequency, the 830C
and 890C measure capacitance by applying a
constant current that briefly charges, then
discharges the connected capacitor.
I
11,000-count resolution on primary display
I
Bright LCD backlight
I
0.5% basic accuracy
I
Fast auto range design for rapid, easy
component measurements
I
Relative mode
I
Visible and audible tolerance mode: 1%, 5%,
10%, 20%
I
Data Hold and Min/Max/Average recording
I
USB (Virtual COM) interface
I
SCPI compliant commands for remote
communication
I
Software for data logging and front panel
emulation available as free download
I
Selectable auto-power-off options and
configurable power-up state
I
3-year warranty
I
Capacitive component troubleshooting
I
Electronic assembly
I
Component sorting
I
Quality control
Full-Featured Handheld Capacitance
Meters
A tilt stand provides position flexibility for view-
ing and operating the meter. The over-molding
rubber case protects the meter for better durabil-
ity. A single 9V battery or an AC power adapter
(included with model 830C) can be used to
power the meter, giving the user options for
portable or benchtop use.
Flexible Operation
The meters include many handy functions. The
compare mode which supports 25 sets of High
/Low limits, provides a convenient means to sort
capacitors without needing to set up the meter
each time. Data logging, Hold/Min/Max Average
recording, tolerance, and relative mode features
offer additional component troubleshooting
tools.
Applications
Mo del
83 0C
8 90C
Max. Range
199.99 mF
50.00 mF


Similar Part No. - 830C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
830CKTCAL ETC-830CKTCAL Datasheet
1Mb / 8P
Modulink??880MP Series Floor Boxes
April 2019
830CKTCAL-1 ETC-830CKTCAL-1 Datasheet
1Mb / 8P
Modulink??880MP Series Floor Boxes
April 2019
830CKTCAL-1/2 ETC-830CKTCAL-1/2 Datasheet
1Mb / 8P
Modulink??880MP Series Floor Boxes
April 2019
830CKTCAL-3/4 ETC-830CKTCAL-3/4 Datasheet
1Mb / 8P
Modulink??880MP Series Floor Boxes
April 2019
More results

Similar Description - 830C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
HIGH-RESOLUTION DISPLAY CONTROLLER
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
logo
Cyrustek corporation
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
11,000 Counts ADC
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
11,000 Counts ADC
logo
Extech Instruments Corp...
380976-K EXTECH-380976-K Datasheet
277Kb / 1P
Large dual LCD display (9999 count)
logo
List of Unclassifed Man...
878B ETC2-878B Datasheet
1Mb / 8P
40,000 counts resolution on primary and 10,000 counts resolution on secondary display
2831E ETC2-2831E Datasheet
2Mb / 5P
Up to 50,000 count display resolution
9150 ETC2-9150 Datasheet
1Mb / 2P
Excellent display resolution
logo
B&K Precision Corporati...
878B BK-878B Datasheet
1Mb / 8P
40,000-Count Dual-Display Handheld LCR Meters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com