Electronic Components Datasheet Search
  English  ▼

X  

875B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 875B
Description  Precision measurement of very low resistances
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

875B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  875B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LCR Meter
Model 875B
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2015
v041715
The rugged 875B LCR meter is a reliable,
easy-to-use workhorse that will measure
inductors, resistors, and capacitors quickly
and accurately. Utilizing special circuitry, the
measurement more closely replicates true
in-circuit measurements. The meter allows for
resistance measurement down to 1 m
Ω of
resolution and zero adjustment for removing
lead resistance.
Features & Benefits
I
Precision measurement of very low resistances
I
Measures D (dissipation factor)
I
Unique drop-proof construction
I
Tilt stand
I
Measures resistance using a test frequency
that can cause an inductive reactance
Specifications
875B
Range
Resolution
Accuracy
Capacitance
200 pF
0.1 pF
1%+2
2 nF
1 pF
20 nF
10 pF
200 nF
100 pF
2 µF
1000 pF
20 µF
0.01 µF
200 µF
0.1 µF
2 mF
1 µF
2%+10
20 mF
10 µF
Resistance
2
Ω
1 m
Ω
1%+5
20
Ω
10 m
Ω
1%+2
200
Ω
100 m
Ω
2 k
Ω
1
Ω
20 k
Ω
10
Ω
200 k
Ω
100
Ω
2 M
Ω
1 k
Ω
2%+2
20 M
Ω
10 k
Ω
Inductance
200 µH
0.1 µH
2%+2
2 mH
1 µH
1%+2
20 mH
10 µH
200 mH
100 µH
2 H
1 mH
Not specified, ranges are used
for referance only
20 H
10 mH
200 H
100 mH
General
Power requirements
9 V 006P battery
Display
0.5” digital height, 31/2 digits liquid crystal display with “LOBAT” and decimal annunciators
Low battery warning
Display will “LOBAT” in the last 5% of battery life
Current consumption
17.3 mA
Temperature
32° to 104° F (0° to 40° C) Operating / -4° to 158° F (-20° to 70° C) Storage
Dimensions (LxWxH)
6.97” x 3.46” x 1.57” (177 x 88 x 40 mm)
Weight
14 oz (400 grams)
Three-Year Warranty
Included accessories
Operation manual and one pair of test clips (red & black)


Similar Part No. - 875B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
875B ETC2-875B Datasheet
1Mb / 8P
Simultaneously displays measured value and Q or dissipation factor
More results

Similar Description - 875B

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
AD8274 AAVID-AD8274_11 Datasheet
375Kb / 16P
Very Low Distortion, Precision Difference Amplifier
Rev. C
logo
Texas Instruments
REF5040IDGK TI-REF5040IDGK Datasheet
1Mb / 28P
Low-Noise, Very Low Drift Precision
logo
Analog Devices
AD8610 AD-AD8610_15 Datasheet
371Kb / 24P
Precision, Very Low Noise
Rev. F
AD8620 AD-AD8620_15 Datasheet
371Kb / 24P
Precision, Very Low Noise
Rev. F
AD8671 AD-AD8671_15 Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input
Rev. F
AD8672 AD-AD8672_15 Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input
Rev. F
AD8674 AD-AD8674_15 Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input
Rev. F
logo
Power System Technology
FAB0207009 PST-FAB0207009 Datasheet
239Kb / 3P
Test of measurement. Application low noise
logo
Sensortechnics GmbH
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
Precision very low pressure sensors
logo
Silicon Laboratories
TS4100 SILABS-TS4100 Datasheet
1Mb / 24P
Precision Measurement
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com