Electronic Components Datasheet Search
  English  ▼

X  

885 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 885
Description  Measurement parameters: Z, L, C, DCR, ESR, D, Q, and 횠
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

885 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  885 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
w w w.bk prec ision.c om
Synthesized In-Circuit LCR/ESR Meters
Models 885 & 886
Data Sheet
Technical data subject to change
© B&K Precision Corp. 2014
v102114
SMD Probe
(included)
Features & Benefits
I
Measurement parameters: Z, L, C, DCR, ESR, D, Q, and Ø
I
Test conditions: 100 Hz, 120 Hz, 1 kHz, 10 kHz,
100 kHz (model 886 only), 1 Vrms, 0.25 Vrms, 0.05 Vrms
I
0.2% basic accuracy
I
Dual LCD display
I
SMD surface mount tweezer probe included
I
Very quick response, user-friendly
I
Fully auto/manual selection
I
DC resistance measurement
I
Rechargeable battery / AC powered
Model 885
* The 885 and 886 include a 110 V AC adapter. For a 220 V AC adapter, order model
885 EXD or 886 EXD.
Specifications
885 & 886
Test Frequencies
100 Hz, 120 Hz, 1 kHz, 10 kHz, 100 kHz (model 886 only)
Frequency Accuracy
± 0.1%
Test Levels
1 Vrms, 0.25 Vrms, 0.05 Vrms, 1 Vdc (for DCR)
Level Accuracy
± 5%
Output Impedance
100 Ω, ± 5%
Impedance (Z)
Frequency
Maximum
Minimum
Best Resolution
DCR
20 MΩ
0.1 Ω
0.001
100 Hz
20 MΩ
0.1 Ω
0.001
120 Hz
20 MΩ
0.1 Ω
0.001
1 kHz
20 MΩ
0.1 Ω
0.001
10 kHz
20 MΩ
0.1 Ω
0.001
100 kHz
10 MΩ
0.1 Ω
0.001
Capacitance (C)
Frequency
Maximum
Minimum
Best Resolution
100 Hz
15.91 mF 79.57 pF
0.001
120 Hz
13.26 mF 66.31 pF
0.001
1 kHz
1.591 mF 7.957 pF
0.001
10 kHz
159.1 µF
0.795 pF
0.001
100 kHz
15.91 µF
0.159 pF
0.001
Inductance (L)
Frequency
Maximum
Minimum
Best Resolution
100 Hz
31.83 kH 159.1 µH
0.001
120 Hz
26.52 kH 132.6 µH
0.001
1 kHz
31.83 kH 15.91 µH
0.001
10 kHz
318.3 H
1.591 µH
0.001
100 kHz
31.83 H
0.159 µH
0.001
General
Operating Temperature
32 ˚F to 104 ˚F (0 ˚C to 40 ˚C)
Storage Temperature
-4 ˚F to 158 ˚F (-20 ˚C to 70 ˚C)
Relative Humidity
up to 85%
Battery Type
Ni-MH or Alkaline (2 x AA size)
Battery Charge
Constant current 150 mA approximately
Battery Operating Life
2.5 hours typical
AC Operation
110 V/220 VAC, 60/50 Hz with proper adapter*
Low Power Warning
under 2.2 V
Dimensions (LxWxH)
6.9” x 3.4” x 1.9" (174 x 86 x 48mm)
Weight
1.1 lbs (470 g)
Three-Year Warranty
Standard Accessories
User manual, SMD probe, rechargeable battery,
shorting bar, and AC adapter*
Optional Accessories
Carrying case, TL08C Kelvin clip, TL885B 4-wire test clip,
BC 885 110 V AC adapter, and BC 885 EXD 220 V AC
adapter
The B&K Precision models 885 and 886 synthesized in-circuit LCR/ESR
meters are the first handheld meters of this type on the market, with a wide
range of test frequencies up to 10 kHz for model 885 and 100 kHz for
model 886, many measurement parameters including Z, L, C, DCR, ESR, D,
Q, and Ø as well. The 885 and 886 are designed for both component
evaluation on the production line and fundamental impedance testing for
benchtop applications. With a built-in direct test fixture, you can test the lead
components very easily. The optional 4-wire test clip can give a convenient
connection to larger components and assemblies with the accuracy of 4-wire
testing. The LCR meters offer fast, reliable, and versatile testing at low cost,
making the 885 and 886 the most advanced handheld LCR meters available
on the market today.


Similar Part No. - 885

ManufacturerPart #DatasheetDescription
logo
Littelfuse
885 LITTELFUSE-885 Datasheet
671Kb / 3P
The 885 Nano2짰 Surface Mount Fuses are high voltage rated fuses with high interrupting current ratings at 450VDC/500VDC and 350VAC
logo
Keystone Electronics Co...
885 KEYSTONE-885 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Wurth Elektronik GmbH &...
885 012 007 009 WURTH-885 012 007 009 Datasheet
1Mb / 2P
WCAP-CSGP Multilayer Ceramic Chip Capacitors 0805
Version 1.0
885 012 007 037 WURTH-885 012 007 037 Datasheet
1Mb / 2P
WCAP-CSGP Multilayer Ceramic Chip Capacitors 0805
Version 1.0
885 012 007 038 WURTH-885 012 007 038 Datasheet
1Mb / 2P
WCAP-CSGP Multilayer Ceramic Chip Capacitors 0805
Version 1.0
More results

Similar Description - 885

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4496DY VISHAY-SI4496DY Datasheet
193Kb / 3P
R - C Thermal Model Parameters
02-Sep-05
SI2323DS-RC VISHAY-SI2323DS-RC Datasheet
185Kb / 3P
R-C Thermal Model Parameters
22-Aug-05
SI4483EDY_RC VISHAY-SI4483EDY_RC Datasheet
194Kb / 3P
R-C Thermal Model Parameters
01-Sep-05
logo
Vaishali Semiconductor
SI4856ADY-RC VAISH-SI4856ADY-RC Datasheet
191Kb / 3P
R-C Thermal Model Parameters
logo
Vishay Siliconix
SI4378DY_RC VISHAY-SI4378DY_RC Datasheet
348Kb / 3P
R-C Thermal Model Parameters
02-Mar-06
SI7136DP-RC VISHAY-SI7136DP-RC Datasheet
177Kb / 3P
R-C Thermal Model Parameters
16-Jan-06
SI6968BEDQ_RC VISHAY-SI6968BEDQ_RC Datasheet
69Kb / 3P
R-C Thermal Model Parameters
11-Jul-07
SI3865BDV_RC VISHAY-SI3865BDV_RC Datasheet
84Kb / 3P
R-C Thermal Model Parameters
07-May-07
SUD50N06-07L-RC VISHAY-SUD50N06-07L-RC Datasheet
99Kb / 3P
R-C Thermal Model Parameters
10-Sep-07
logo
List of Unclassifed Man...
889B ETC2-889B Datasheet
807Kb / 1P
Measurement parameters: Z, L, C, DCR, ESR, D, Q, ACV, DCV, ACA, DCA and 횠
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com