Electronic Components Datasheet Search
  English  ▼

X  

889B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 889B
Description  Measurement parameters: Z, L, C, DCR, ESR, D, Q, ACV, DCV, ACA, DCA and 횠
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

889B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  889B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bkprecision.com
Tel.: 714.921.9095
Bench LCR/ESR Meter with Component Tester
Model 889B
Data Sheet
Technical data subject to change
© B&K Precision Corp. 2014
v012016
The B&K Precision 889B synthesized in-circuit bench LCR/ESR meter is a
high accuracy test instrument used for measuring inductors, capacitors and
resistors with a basic accuracy of 0.1%. Also, with the built-in functions of
DC/AC Voltage/Current measurements and Diode/Audible Continuity checks,
the 889B can not only help engineers and students to understand the
characteristics of electronics components, but also being an essential tool on
any service bench.
Features:
I
Measurement parameters: Z, L, C, DCR, ESR, D, Q, ACV, DCV, ACA,
DCA and Ø
I
Test conditions: 100 Hz, 120 Hz, 1 kHz, 10 kHz, 100 kHz, 200 kHz,
1 Vrms, 0.25 Vrms, 0.05 Vrms
I
0.1% basic accuracy
I
Dual LCD display
I
Very quick response, user-friendly
I
Fully auto/manual selection
I
DC resistance measurement
I
USB interface
Specifications
889B
Test Frequencies
100Hz, 120 Hz, 1 kHz, 10 kHz, 100 kHz, 200 kHz
Frequency Accuracy
±0.1%
Test Levels
1 Vrms, 0.25 Vrms, 0.05 Vrms, 1 Vdc (for DCR)
Level Accuracy
±10%
Output Impedance
100
Ω, ±5%
Measurement Range
Impedance ( Z)
Freque ncy
Maximum
M ini mum
Best Re solutio n
DCR
20 M
Ω
0.1
Ω
0.001
100 Hz
20 M
Ω
0.1
Ω
0.001
120 Hz
20 M
Ω
0.1
Ω
0.001
1 kHz
20 M
Ω
0.1
Ω
0.001
10 kHz
20 M
Ω
0.1
Ω
0.001
100 kHz
10 M
Ω
0.1
Ω
0.001
200 kHz
10 M
Ω
0.1
Ω
0.001
Capacit ance (C)
Freque ncy
Maximum
M ini mum
Best Re solutio n
100 Hz
15.91 mF
79.57 pF
0.001
120 Hz
13.26 mF
66.31 pF
0.001
1 kHz
1.591 mF
7.957 pF
0.001
10 kHz
159.1 µF
0.795 pF
0.001
100 kHz
15.91 µF
0.159 pF
0.001
200 kHz
7.957 µF
0.079 pF
0.001
Induct an ce (L)
Freque ncy
Maximum
M ini mum
Best Re solutio n
100 Hz
31.83 kH
159.1 µH
0.001
120 Hz
26.52 kH
132.6 µH
0.001
1 kHz
3.183 kH
15.91 µH
0.001
10 kHz
318.3 H
1.591 µH
0.001
100 kHz
31.83 H
0.159 µH
0.001
200 kHz
15.91 H
0.079 µH
0.001
General
Operating Temperature
32˚ to 104˚F (0˚ to 40˚C)
Storage Temperature
-4˚ to 158˚F (-20˚ to 70˚C)
Relative Humidity
up to 85%
AC Input
110 V/220 V AC, 60/50 Hz
Dimensions (LxWxH)
11.8 x 8.7 x 5.9" (300 x 220 x 150 mm)
Weight
10 lbs (4.5 kg)
Three-Year Warranty
Included Accessories
User manual, Kelvin probe, DMM test leads, and power cord


Similar Part No. - 889B

ManufacturerPart #DatasheetDescription
logo
France Joint
889 FRANCEJOINT-889 Datasheet
464Kb / 3P
PTFE SHAFT SEALS
logo
Keystone Electronics Co...
889 KEYSTONE-889 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
List of Unclassifed Man...
8890 ETC2-8890 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
8890 HEYCO-8890 Datasheet
112Kb / 1P
Heyco-Flex™ V Nylon Slit Tubing
8890 HEYCO-8890 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
More results

Similar Description - 889B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4496DY VISHAY-SI4496DY Datasheet
193Kb / 3P
R - C Thermal Model Parameters
02-Sep-05
SI2323DS-RC VISHAY-SI2323DS-RC Datasheet
185Kb / 3P
R-C Thermal Model Parameters
22-Aug-05
logo
Vaishali Semiconductor
SI4856ADY-RC VAISH-SI4856ADY-RC Datasheet
191Kb / 3P
R-C Thermal Model Parameters
logo
Vishay Siliconix
SI4378DY_RC VISHAY-SI4378DY_RC Datasheet
348Kb / 3P
R-C Thermal Model Parameters
02-Mar-06
SI7136DP-RC VISHAY-SI7136DP-RC Datasheet
177Kb / 3P
R-C Thermal Model Parameters
16-Jan-06
SI6968BEDQ_RC VISHAY-SI6968BEDQ_RC Datasheet
69Kb / 3P
R-C Thermal Model Parameters
11-Jul-07
SI3865BDV_RC VISHAY-SI3865BDV_RC Datasheet
84Kb / 3P
R-C Thermal Model Parameters
07-May-07
SUD50N06-07L-RC VISHAY-SUD50N06-07L-RC Datasheet
99Kb / 3P
R-C Thermal Model Parameters
10-Sep-07
logo
Extech Instruments Corp...
380945 EXTECH-380945 Datasheet
231Kb / 1P
Mini Clamp-On DCA/ACA Adaptors
logo
List of Unclassifed Man...
885 ETC2-885 Datasheet
479Kb / 1P
Measurement parameters: Z, L, C, DCR, ESR, D, Q, and 횠
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com