Electronic Components Datasheet Search
  English  ▼

X  

1900B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1900B
Description  Automatic CV (constant voltage)/CC (constant current) crossover operation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1900B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1900B Datasheet HTML 1Page - List of Unclassifed Manufacturers 1900B Datasheet HTML 2Page - List of Unclassifed Manufacturers 1900B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
Switching DC Power Supplies
1900B Series
Technical data subject to change
© B&K Precision Corp. 2016
www.bkprecision.com
Model
1900B
1901B
1902B
Variable Output Voltage
1 - 16 V
1 - 32 V
1 - 60 V
Variable Output Current
0 - 60 A
0 - 30 A
0 - 15 A
Full-Featured DC Power Supplies to
Meet Your High Power Needs
B&K Precision models 1900B, 1901B, and 1902B
are laboratory grade switching DC power
supplies with high current output in a small,
lightweight form factor. The 1900B Series provide
various configurations of high output voltage or
high output current and feature rotary encoder
control knobs, which make setting voltage and
current fast and precise. Its dual action push
button allows the user to set both coarse and
fine, voltage and current levels.
In addition to constant voltage (CV) and
constant current (CC) modes, these high
efficiency DC power supplies offer preset and
remote control modes. Save up to three different
presets of voltage and current values for quick
recall. The analog remote control function allows
the output power, voltage, and current to be
adjusted without touching the front panel of the
power supply. A remote sensing terminal (model
1900B only) is also available to compensate for
voltage drop across load leads.
These features make the 1900B, 1901B, and
1902B suitable for a wide range of applications
requiring high current including production
testing, telecommunications, R&D, service, and
university labs.
Features and Benefits
n
Automatic CV (constant voltage)/CC
(constant current) crossover operation
n
Up to 60 A output current
n
Lightweight and compact
n
Rotary encoder control for precise voltage and
current setting
n
Save up to 3 user-defined voltage and current
presets for quick recall
n
Analog remote control function
n
USB interface
n
Remote sensing terminal (model 1900B only)
n
Overvoltage, overtemperature, and
overload protection
n
Flexible operating modes: Front panel
(normal), Preset, or Remote Control
n
Front panel 5 amp auxiliary output


Similar Part No. - 1900B

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
1900B BK-1900B Datasheet
1Mb / 3P
Switching DC Power Supplies
More results

Similar Description - 1900B

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
Constant-Current, Constant-Voltage Converter
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
logo
List of Unclassifed Man...
1665 ETC2-1665 Datasheet
530Kb / 1P
Constant voltage (CV) operation
1685B ETC2-1685B Datasheet
222Kb / 3P
Automatic CV/CC crossover operation
1790 ETC2-1790 Datasheet
520Kb / 1P
Constant voltage (CV) and constant current
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
Constant current constant voltage IC
FM1801 FUMAN-FM1801 Datasheet
222Kb / 6P
Constant current constant voltage IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com