Electronic Components Datasheet Search
  English  ▼

X  

G960 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G960
Description  3.3V 1A Low Dropout Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G960 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G960 Datasheet HTML 1Page - List of Unclassifed Manufacturers G960 Datasheet HTML 2Page - List of Unclassifed Manufacturers G960 Datasheet HTML 3Page - List of Unclassifed Manufacturers G960 Datasheet HTML 4Page - List of Unclassifed Manufacturers G960 Datasheet HTML 5Page - List of Unclassifed Manufacturers G960 Datasheet HTML 6Page - List of Unclassifed Manufacturers G960 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Ver: 1.4
Jul 31, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G960
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN=5V , CIN=1µF , COUT =10µF, TA=25°C , unless otherwise noted.)
Ch1: Vout (offset=3.30V)
Ch1: Vout (offset=3.30V)
Ch2: Vin (offset=5.0V)
Ch2: Iout (780mA/div)
CIN = 2.2µF
Iout=100mA
Ground Current vs. Load Current
Line Transient
Load Transient
Output Voltage vs. Load Current
Dropout Voltage vs. Load Current
0
100
200
300
400
500
600
700
800
0
200
400
600
800
1000
Load Current (mA)
3.293
3.298
3.303
3.308
3.313
3.318
3.323
0
200
400
600
800
1000
Load Current (mA)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com