Electronic Components Datasheet Search
  English  ▼

X  

TIPC300B Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TIPC300B
Description  300W PS/2 ATX IPC Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TIPC300B Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TIPC300B Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TIPC300B
300W PS/2 ATX IPC Power Supply
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
FEATURES
• PS/2 ATX Form Factor
• Complies with ATX12V Standard
• Meets 80PLUS Bronze Efficiency Level
• Active PFC meets EN 61000-3-2 Standard
• Remote ON/OFF Function
• Approved to UL/IEC/EN 60950-1 2nd Edition
GENERAL SPECIFICATIONS
Efficiency ............................ 85% typ. @ full load
Operating Temperature ...... 0°C to +50°C
Storage Temperature ......... -20°C to +80°C
Relative Humidity ............... 5% to 95% non-condensing
Withstand Voltage .............. 1,800 VAC, input-ground
MTBF ................................. 150K hours mininum at full load &
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
EMI/EMC ............................ FCC & CISPR 22, Class B conducted
FCC & EN 55022, Class B radiated
Safety Standards ............... UL/IEC/EN 60950-1 2nd Edition
Agency Approvals .............. UL, cUL, TUV, CB, CE, CCC
Other Compliance .............. 80PLUS, RoHS
T
R
A
H
C
G
N
I
T
A
R
T
N
E
R
R
U
C
&
E
G
A
T
L
O
V
T
U
P
T
U
O
t
u
t
p
u
O
e
g
a
t
l
o
V
m
u
m
i
n
i
M
d
a
o
L
m
u
m
i
x
a
M
*
d
a
o
L
d
a
o
L
n
o
i
t
a
l
u
g
e
R
e
s
i
o
N
&
e
l
p
p
i
R
V P
-
P
.
x
a
M
V
3
.
3
+A
5
.
0A
9
1%
5
±V
m
0
5
V
5
+A
5
.
0A
6
1%
5
±V
m
0
5
V
2
1
+
1
A
5
.
0A
7
1%
5
±V
m
0
2
1
V
2
1
+
2
A
5
.
0A
7
1%
5
±V
m
0
2
1
V
2
1
-A
0A
5
.
0%
0
1
±V
m
0
2
1
b
s
V
5
+A
0)
k
a
e
P
A
5
.
3
(
A
3%
5
±V
m
0
5
V
5
-
*A
0A
3
.
0%
0
1
±V
m
0
0
1
.
m
u
m
i
x
a
m
W
0
0
3
s
i
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
o
e
h
T
*
.
m
u
m
i
x
a
m
W
5
0
1
s
i
V
5
+
&
V
3
.
3
+
r
o
f
r
e
w
o
p
t
u
p
t
u
o
l
a
t
o
t
e
h
T
*
.
l
a
n
o
i
t
p
o
s
i
t
u
p
t
u
o
V
5
-
*
TIPC300B-2016-08-07
MECHANICAL SPECIFICATIONS
Notes:
1. Dimensions in mm.
2. Power switch is optional.
3. Customized cable sets available upon request.
INPUT SPECIFICATIONS
Input Voltage Range ................... 90-264 VAC
Input Frequency .......................... 47-63Hz
Input Current ............................... 7A rms max. @ 115 VAC
3.5A rms max. @ 230 VAC
Inrush Current ............................. 80A max. @ 115 VAC,
.................................................... 160A max. @ 230 VAC,
.................................................... at 25°C cold start
Earth Leakage Current ............... 350µA max. @ 264 VAC, 63Hz
OUTPUT SPECIFICATIONS
Output Power Ratings ................ See rating chart
Load Regulation ......................... See rating chart
Ripple & Noise* .......................... See rating chart
Hold-up Time .............................. 15ms min. @ 115/230 VAC
Rise Time .................................... 20ms max. @ 115/230 VAC
Over Voltage Protection, +3.3V .. 3.7-4.8V
+5V ..... 5.7-7V
+12V ... 13.3-16V
Over Current Protection, +3.3V .. 25-50A
+5V ..... 25-45A
+12V ... 20-28A for each rail
Short Circuit Protection .............. Shut down, Latch off on all
.................................................... outputs
Temperature Coefficient ............. ±0.04%/°C max.
* Measured with 20MHz bandwidth at rated line voltage and output load ranges,
with a 10µF tantalum capacitor in parallel with a 0.1µF ceramic disk capacitor
across the output connector.


Similar Part No. - TIPC300B

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TIPC300BE TRUMPOWER-TIPC300BE Datasheet
276Kb / 1P
300W PS/2 ATX IPC Power Supply
More results

Similar Description - TIPC300B

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TIPC250B TRUMPOWER-TIPC250B Datasheet
275Kb / 1P
250W PS/2 ATX IPC Power Supply
TIPC300BE TRUMPOWER-TIPC300BE Datasheet
276Kb / 1P
300W PS/2 ATX IPC Power Supply
TIPC300G TRUMPOWER-TIPC300G Datasheet
275Kb / 1P
300W PS/2 ATX IPC Power Supply
TIPC350B TRUMPOWER-TIPC350B Datasheet
297Kb / 1P
350W PS/2 ATX IPC Power Supply
TIPC350BE TRUMPOWER-TIPC350BE Datasheet
297Kb / 1P
350W PS/2 ATX IPC Power Supply
TIPC400B TRUMPOWER-TIPC400B Datasheet
297Kb / 1P
400W PS/2 ATX IPC Power Supply
TIPC400BE TRUMPOWER-TIPC400BE Datasheet
383Kb / 1P
400W PS/2 ATX IPC Power Supply
TIPC460B TRUMPOWER-TIPC460B Datasheet
299Kb / 1P
460W PS/2 ATX IPC Power Supply
TIPC460BE TRUMPOWER-TIPC460BE Datasheet
381Kb / 1P
460W PS/2 ATX IPC Power Supply
TIPC500BE TRUMPOWER-TIPC500BE Datasheet
381Kb / 1P
500W PS/2 ATX IPC Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com