Electronic Components Datasheet Search
  English  ▼

X  

3765 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # 3765
Description  Tilt Switch - Mercury
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

3765 Datasheet(HTML) 1 Page - American Electronic Components, inc

  3765 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tilt switches “make” when the electrode is tilted below horizontal and
“break” when tilted above the horizontal. Total travel from “make” to
“break” is the “Maximum included angle” shown below. The
component to which the switch is attached must have a total tilt angle
greater than the “Maximum included angle” for proper operation.
Part No: 3765 – G10 Series
Tilt Switch - Mercury
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2006
Specifications are subject to change without notice. E&OE.
3765 050606
Features:
* Un-Insulated
* Form: NO/NC/SPST/Mount dependent
* Angles Referenced from Horizontal
* Single Electrode
* Hermetically Sealed
* Small Package Size
* Narrow Included Angle
* High Current Capability
* Low Contact Resistance
* Long Life
Drawing dimensions in inches and (millimeters).
Typical Operating Angle * :
5º - 9º
Maximum included Angle:
9º
* Make/break angles are electrode + (above) / - (below) 0° horizontal
reference
Switch Ratings:
Max Switching Voltage
480V AC
Max Switching Current
120VAC / 25A: 240VAC / 19A: 480VAC / 13A, 120VDC / 13A: 240VDC
/ 10A. Tungsten 120V / 1700W: 1HP / 480VAC, 0.5HP / 240 VDC
Initial Contact Resistance (Max).
3 milli Ohms
Stand Off Voltage (contact to contact)
3000V
Operating Temperature
-38º to 220ºF / -38º to 105ºC
Storage Temperature
-40º to 356ºF / -40º to 180º C
Typical number of operations at specified load
10,000,000
G-Force Activation G-Level/Range
N/A
Dimensions:
Weight per 100pcs. Lbs / Kgs:
5.62 / 2.55
Body Length (less leads). Inches / Millimeters:
1.90 / 53.6
Maximum Diameter. Inches / Millimeters:
0.62 / 15.6
Materials:
Lead Wire Type
N/A
Lead wire length/skive/termination
N/A
Finish:
Rust Inhibited


Similar Part No. - 3765

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3765 ETC2-3765 Datasheet
138Kb / 1P
Terminal Block Accessories
logo
Marathon Special Produc...
3765 MARATHON-3765 Datasheet
138Kb / 1P
Terminal Block Accessories
logo
List of Unclassifed Man...
37650 ETC2-37650 Datasheet
52Kb / 1P
BOARD HANDLER TRAYS
37651 ETC2-37651 Datasheet
52Kb / 1P
BOARD HANDLER TRAYS
37652 ETC2-37652 Datasheet
52Kb / 1P
BOARD HANDLER TRAYS
More results

Similar Description - 3765

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
4859 AEC-4859 Datasheet
186Kb / 1P
Tilt Switch - Mercury
4929 AEC-4929 Datasheet
182Kb / 1P
Tilt Switch - Mercury
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
A-001 AEC-A-001 Datasheet
174Kb / 1P
Tilt Switch - Mercury
A1-003 AEC-A1-003 Datasheet
89Kb / 1P
Tilt Switch / Mercury
A1-009 AEC-A1-009 Datasheet
233Kb / 1P
Tilt Switch - Mercury
A1S-017 AEC-A1S-017 Datasheet
178Kb / 1P
Tilt Switch - Mercury
A-003 AEC-A-003 Datasheet
181Kb / 1P
Tilt Switch - Mercury
T08-20201 AEC-T08-20201 Datasheet
172Kb / 1P
Tilt Switch - Mercury
T08-20808 AEC-T08-20808 Datasheet
176Kb / 1P
Tilt Switch - Mercury
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com