Electronic Components Datasheet Search
  English  ▼

X  

4770 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # 4770
Description  Tip Over Switch ??Mercury
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

4770 Datasheet(HTML) 1 Page - American Electronic Components, inc

  4770 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Must Make / Break Angle * :
As shown
Maximum included Angle:
Application Dependent
* from vertical 0º reference
Switch Ratings:
Max Switching Voltage:
12VDC
Max Switching Current:
0.5A
Initial Contact Resistance (Max):
3 Ohms max @ 5 VDC, 1mA
Stand Off Voltage (contact to contact):
1kV AC
Operating Temperature:
-38º to 220ºF / -38º to 105ºC
Storage Temperature:
-40º to 356ºF / -40º to 180º C
Typical number of operations at specified load:
10,000,000
G-Force Activation G-Level/Range:
N/A
Dimensions:
Weight per 100pcs. Lbs / Kgs:
0.33 / .015
Body Length (less leads). Inches / Millimeters:
0.25 / 6.35
Maximum Diameter. Inches / Millimeters:
0.31 / 7.87
Materials:
Lead Wire Type:
N/A
Lead wire length/skive/termination:
0.42 / 10.59
Finish:
Nickel
Features:
* Un-Insulated
* Form: NC/SPST/ Electrodes down
* Angles Referenced from vertical
* Double Electrode
* Hermetically Sealed
* Small Package Size
* Low Contact Resistance
* Long Life
Shown in normally closed position.
Tip over switches “break” when the electrode is tilted from the vertical
and “make” when returned to the vertical.
Part No: 4770 A1/2S Series
Tip Over Switch – Mercury
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2006
Specifications are subject to change without notice. E&OE.
4770 061908
Drawing dimensions in inches and (millimeters).


Similar Part No. - 4770

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4770 POMONA-4770 Datasheet
20Kb / 1P
Spring-Loaded Binding Post
logo
Heyco.
4770 HEYCO-4770 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
4770 HEYCO-4770 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
VISATON GmbH & Co. KG
4770 VISATON-4770 Datasheet
418Kb / 5P
Zubehör / Accessories
logo
Pomona Electronics
4770-0 POMONA-4770-0 Datasheet
20Kb / 1P
Spring-Loaded Binding Post
More results

Similar Description - 4770

ManufacturerPart #DatasheetDescription
logo
celduc-relais
IBXXXXX CELDUC-IBXXXXX Datasheet
70Kb / 1P
TIP OVER SWITCH- NO MERCURY CONTACTS
logo
American Electronic Com...
20110 AEC-20110 Datasheet
186Kb / 1P
Tip Over Switch - Mercury
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
20599 AEC-20599 Datasheet
173Kb / 1P
Tip Over Switch ??Mercury
T03-1002 AEC-T03-1002 Datasheet
178Kb / 1P
Tip Over Switch . Mercury
T03-1005 AEC-T03-1005 Datasheet
182Kb / 1P
Tip Over Switch ??Mercury
T03-1010 AEC-T03-1010 Datasheet
192Kb / 1P
Tip Over Switch ??Mercury
T03-1016 AEC-T03-1016 Datasheet
178Kb / 1P
Tip Over Switch ??Mercury
T03-1050 AEC-T03-1050 Datasheet
182Kb / 1P
Tip Over Switch ??Mercury
T03-1054 AEC-T03-1054 Datasheet
182Kb / 1P
Tip Over Switch ??Mercury
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com